Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD57100JR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD57100JR
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100JR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD57100JR Datasheet HTML 6Page - STMicroelectronics LD57100JR Datasheet HTML 7Page - STMicroelectronics LD57100JR Datasheet HTML 8Page - STMicroelectronics LD57100JR Datasheet HTML 9Page - STMicroelectronics LD57100JR Datasheet HTML 10Page - STMicroelectronics LD57100JR Datasheet HTML 11Page - STMicroelectronics LD57100JR Datasheet HTML 12Page - STMicroelectronics LD57100JR Datasheet HTML 13Page - STMicroelectronics LD57100JR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Figure 12. Load vs temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
T [°C]
IOUT = 1 mA to 1 A
Figure 13. ISENSE vs temperature
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
150
T [°C]
Figure 14. IBIAS vs temperature
0
25
50
75
100
125
150
175
200
225
250
-50
-25
0
25
50
75
100
125
150
T [°C]
Iout=1A
Iout=1mA
Figure 15. Enable high vs temperature (VBIAS min.)
0.30
0.40
0.50
0.60
0.70
0.80
0.90
-50
-25
0
25
50
75
100
T [°C]
ON
OFF
Figure 16. IENABLE vs temperature
0.00
0.10
0.20
0.30
0.40
0.50
-50
-25
0
25
50
75
100
125
150
T [°C]
Figure 17. Ground pin current vs load current
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900
1000
Iout [mA]
LD57100
Typical characteristics
DS13123 - Rev 5
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com