Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX17536 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX17536
Description  4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX17536 Datasheet HTML 10Page - Maxim Integrated Products MAX17536 Datasheet HTML 11Page - Maxim Integrated Products MAX17536 Datasheet HTML 12Page - Maxim Integrated Products MAX17536 Datasheet HTML 13Page - Maxim Integrated Products MAX17536 Datasheet HTML 14Page - Maxim Integrated Products MAX17536 Datasheet HTML 15Page - Maxim Integrated Products MAX17536 Datasheet HTML 16Page - Maxim Integrated Products MAX17536 Datasheet HTML 17Page - Maxim Integrated Products MAX17536 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
One occurrence of the runaway-current limit triggers a
hiccup mode. In addition, if due to a fault condition, output
voltage drops to 68% (typ) of its nominal value any time
after soft-start is complete, hiccup mode is triggered.
The device has two modes of operation under overload
conditions – hiccup mode and latchoff mode. In hiccup
mode, the converter is protected by suspending switching
for a hiccup timeout period of 32,768 clock cycles. Once
the hiccup-timeout period expires, soft-start is attempted
again. In latchoff mode, the converter does not attempt
to soft-start the output after a timeout period. The power
supply to the device needs to be cycled to turn the part on
again in latchoff mode of operation. A resistor connected
from DL to SGND sets the peak and runaway current
limits and the operating mode during overload conditions.
RESET Output
The device includes a RESET comparator to monitor
the status of the output voltage. The open-drain RESET
output requires an external pullup resistor. RESET goes
high (high impedance) 1024 switching cycles after the
regulator output increases above 95.6% of the designed
nominal regulated voltage. RESET goes low when the
regulator output voltage drops to below 92.2% of the set
nominal output regulated voltage. RESET also goes low
during thermal shutdown.
Prebiased Output
When the device starts into a prebiased output, both the
high-side and the low-side switches are turned off so the
converter does not sink current from the output. High-
side and low-side switches do not start switching until
the PWM comparator commands the first PWM pulse, at
which point switching commences. The output voltage is
then smoothly ramped up to the target value in alignment
with the internal reference.
Thermal Shutdown Protection
Thermal-shutdown protection limits total power dissipation
in the MAX17536. When the junction temperature of the
device exceeds +165°C, an on-chip thermal sensor shuts
down the device, allowing it to cool. The MAX17536 turns
ON with soft-start after the junction temperature reduces
by 10°C. Carefully evaluate the total power dissipation
(see the Power Dissipation section) to avoid unwanted
triggering of the thermal shutdown in normal operation.
Applications Information
Input Capacitor Selection
The input-filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor RMS current requirement (IRMS) is
defined by the following equation:
×
=
×
OUT
IN
OUT
RMS
OUT(MAX)
IN
V
(V - V
)
II
V
where, IOUT(MAX) is the maximum load current. IRMS has
a maximum value when the input voltage equals twice
the output voltage (VIN = 2 x VOUT), so IRMS(MAX) =
IOUT(MAX)/2.
Choose an input capacitor that exhibits less than +10°C
temperature rise at the RMS input current for optimal
long-termreliability.Uselow-ESRceramiccapacitorswith
highripple-currentcapabilityattheinput.X7Rcapacitors
are recommended in industrial applications for their
temperature stability. Calculate the input capacitance
using the following equation:
××
=
η×
× ∆
OUT(MAX)
IN
SW
IN
I
D (1- D)
C
fV
where D = VOUT/VIN is the duty ratio of the converter,
fSWistheswitchingfrequency,ΔVIN is the allowable input
voltage ripple, and E is the efficiency.
In applications where the source is located distant from
the device input, an electrolytic capacitor should be
added in parallel to the ceramic capacitor to provide
necessary damping for potential oscillations caused by
the inductance of the longer input power path and input
ceramic capacitor.
Inductor Selection
Three key inductor parameters must be specified for
operation with the MAX17536: inductance value (L),
inductor saturation current (ISAT), and DC resistance
(RDCR). The switching frequency and output voltage
determine the inductor value as follows:
OUT
SW
V
L
2.2 f
=
×
where VOUT and fSW are nominal values.
RESISTANCE
(kΩ)
PEAK
CURRENT
LIMIT (A)
RUNAWAY
CURRENT
LIMIT (A)
FAULT
OPERATING
MODE
Open
6.5
7.5
Hiccup
174
6.5
7.5
Latchoff
61.9
5
6
Hiccup
26.1
5
6
Latchoff
Maxim Integrated │ 14
MAX17536
4.5V to 60V, 4A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com