Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRPN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LRPN
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LRPN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LRPN Datasheet HTML 1Page - M-System Co.,Ltd. LRPN Datasheet HTML 2Page - M-System Co.,Ltd. LRPN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LRPN
http://www.m-system.co.jp/
LRPN SPECIFICATIONS
ES-1978 Rev.2 Page 1/3
Power Transducer Series L-UNIT
VAR TRANSDUCER
(self-powered)
Functions & Features
• Providing a DC output signal in proportion to AC reactive
power
• DC output containing little ripple is ideal for computer
input
• "Time division multiplication" method accepts distorted
waveforms
• Isolation up to 2000 V AC
• High-density mounting
• No auxiliary power source required
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LRPN–[1][2][3][4][5]
ORDERING INFORMATION
• Code number: LRPN–[1][2][3][4][5]
Specify a code from below for each [1] through [5].
(e.g. LRPN-11PA/Q)
• Calibration range (e.g. lag 1000 – lead 1000 var)
Spacify the range with lag and lead. Don't use plus or
minus.
• VT ratio, CT ratio (e.g. VT 3300/110 V, CT 250/5 A)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] CONFIGURATION
1: 3-phase / 3-wire
4: 3-phase / 4-wire
[2] INPUT (unbalanced load)
(Voltage must be balanced.)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
5: 220 V / 380 V / 1 A AC (3-phase / 4-wire)
6: 220 V / 380 V / 5 A AC (3-phase / 4-wire)
7: 110 V / 190 V / 1 A AC (3-phase / 4-wire)
8: 110 V / 190 V / 5 A AC (3-phase / 4-wire)
(220 V in code 5 and 6, and 110 V in code 7 and 8
are phase voltage)
[3] OUTPUT SIGNAL POLARITY
P: Negative in lag, positive in lead
M: Negative in lead, positive in lag
[4] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1000 Ω max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel


Similar Part No. - LRPN

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRP TOKEN-LRP Datasheet
726Kb / 8P
Metal Strip Chip High Power Low Ohmic Resistor
logo
M-System Co.,Ltd.
LRP MSYSTEM-LRP Datasheet
137Kb / 5P
Power Transducer Series L-UNIT
logo
Festo Corporation.
LRP-1/4-0.7-F1A FESTO-LRP-1/4-0.7-F1A Datasheet
90Kb / 1P
Precision pressure regulator
LRP-1/4-07 FESTO-LRP-1/4-07 Datasheet
84Kb / 1P
Precision pressure regulator
3/23/22
LRP-1/4-07-EX4 FESTO-LRP-1/4-07-EX4 Datasheet
87Kb / 1P
Precision pressure regulator
3/23/22
More results

Similar Description - LRPN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com