Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP1650 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1650 Datasheet HTML 1Page - Microchip Technology MCP1650 Datasheet HTML 2Page - Microchip Technology MCP1650 Datasheet HTML 3Page - Microchip Technology MCP1650 Datasheet HTML 4Page - Microchip Technology MCP1650 Datasheet HTML 5Page - Microchip Technology MCP1650 Datasheet HTML 6Page - Microchip Technology MCP1650 Datasheet HTML 7Page - Microchip Technology MCP1650 Datasheet HTML 8Page - Microchip Technology MCP1650 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 5
MCP1650/51/52/53
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN TO GND...........................................................6.0V
CS,FB,LBI,LBO,SHDN,PG,EXT............ GND – 0.3V to
VIN + 0.3V
Current at EXT pin ................................................ ±1A
Storage temperature .......................... -65°C to +150°C
Operating Junction Temperature........ -40°C to +125°C
ESD protection on all pins
........................... ≥ 4kV HBM
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply at VIN = +2.7V to +5.5V, SHDN =High,
TJ = -40°C to +125°C. Typical values apply for VIN = 3.3V, TA +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Characteristics
Supply Voltage
VIN
2.7
5.5
V
Undervoltage Lockout
(S Option)
UVLO
2.4
2.55
2.7
V
VIN rising edge
Under Voltage Lockout
(R Option)
UVLO
1.85
2.0
2.15
V
VIN rising edge
Undervoltage Hysteresis
UVLOHYST
—117
mV
Shutdown Supply Current
ISHD
0.001
1
µA
SHDN = GND
Quiescent Supply Current
IQ
120
220
µA
EXT = Open
Soft Start Time
TSS
500
µs
Feedback Characteristics
Feedback Voltage
VFB
1.18
1.22
1.26
V
All conditions
Feedback Comparator
Hysteresis
VHYS
—12
23
mV
Feedback Input Bias Current
IFBlk
-50
50
nA
VFB < 1.3V
Current Sense Input
Current Sense Threshold
ISNS-TH
75
114
155
mV
Delay from Current Sense to
Output
Tdly_ISNS
—80
ns
Ext Drive
EXT Driver ON Resistance
(High Side)
RHIGH
—8
18
EXT Driver ON Resistance
(Low Side)
RLOW
—4
12
Oscillator Characteristics
Switching Frequency
FOSC
650
750
850
kHz
Low Duty Cycle Switch-Over
Voltage
VLowDuty
—3.8
V
VIN rising edge
Duty Cycle Switch Voltage
Hysteresis
DCHyst
—92
mV
Low Duty Cycle
DCLOW
50
56
62
%
High Duty Cycle
DCHIGH
72
80
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com