| Electronic Components Datasheet Search |
|
STM32WLE4JCU6XXX Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCU6XXX Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 145 page ![]() DS13105 Rev 8 23/145 STM32WLE5/E4xx Functional overview 48 3.9 Power supply management The devices embed two different regulators: one LDO and one DC/DC (SMPS). The SMPS can be optionally switched-on by software to improve the power efficiency. As LDO and SMPS operate in parallel, the SMPS switch-on is transparent to the user and only the power efficiency is affected. 3.9.1 Power supply schemes The devices require a VDD operating voltage supply between 1.8 V and 3.6 V. Several independent supplies (VDDSMPS, VFBSMPS, VDDA, VDDRF) can be provided for specific peripherals: • VDD = 1.8 V to 3.6 V VDD is the external power supply for the I/Os, the system analog blocks such as reset, power management, internal clocks and low-power regulator. It is provided externally through VDD pins. • VDDSMPS = 1.8 V to 3.6 V VDDSMPS is the external power supply for the SMPS step-down converter. It is provided externally through VDDSMPS supply pin and must be connected to the same supply as VDD. • VFBSMPS = 1.45 V to 1.62 V (1.55 V typical) VFBSMPS is the external power supply for the main system regulator. It is provided externally through VFBSMPS pin and is supplied through the SMPS step-down converter. • VDDA = 0 V to 3.6 V (DAC minimum voltage is 1.71 V without buffer and 1.8 V with buffer. COMP and ADC minimum voltage is 1.62 V. VREFBUF minimum voltage is 2.4 V) VDDA is the external analog power supply for A/D converters, D/A converters, voltage reference buffer, and comparators. The VDDA voltage level is independent from the VDD voltage (see power-up and power-down limitations below) and must preferably be connected to VDD when these peripherals are not used. • VDDRF = 1.8 V to 3.6 V VDDRF is an external power supply for the radio. It is provided externally through the VDDRF pin and must be connected to the same supply as VDD. • VDDRF1V5 = 1.45 V to 1.62 V VDDRF1V5 is an external power supply for the radio. It is provided externally through the VDDRF1V5 pin and must be connected externally to VFBSMPS. • VBAT = 1.55 V to 3.6 V VBAT is the power supply for RTC, TAMP, external clock 32 kHz oscillator and backup registers (through power switch) when VDD is not present. LORA_BW_15 15.63 250 LORA_BW_10 10.42 167 LORA_BW_7 7.81 250 Table 6. LoRa mode intermediate frequencies (continued) Setting name Bandwidth (kHz) fif (kHz) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |