Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCPL0534 Datasheet(PDF) 2 Page - ON Semiconductor

Part # HCPL0534
Description  High Speed Transistor Optocouplers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0534 Datasheet(HTML) 2 Page - ON Semiconductor

  HCPL0534 Datasheet HTML 1Page - ON Semiconductor HCPL0534 Datasheet HTML 2Page - ON Semiconductor HCPL0534 Datasheet HTML 3Page - ON Semiconductor HCPL0534 Datasheet HTML 4Page - ON Semiconductor HCPL0534 Datasheet HTML 5Page - ON Semiconductor HCPL0534 Datasheet HTML 6Page - ON Semiconductor HCPL0534 Datasheet HTML 7Page - ON Semiconductor HCPL0534 Datasheet HTML 8Page - ON Semiconductor HCPL0534 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCPL0453, HCPL0500, HCPL0501, HCPL0531, HCPL0534
www.onsemi.com
2
SCHEMATICS
Figure 1. Single−channel Circuit Schematics
(HCPL0500, HCPL0501
*Base Not Connected
for HCPL0453)
Figure 2. Dual−channel Circuit Schematics
(HCPL0531, HCPL0534)
1
2
3
4
5
6
7
8
+
_
VCC
N/C
VF
VO
VB*
N/C
GND
1
2
3
4
5
6
7
8
+
_
_
+
GND
VCC
V01
V02
VF1
VF2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
−40 to +125
°C
TOPR
Operating Temperature
−40 to +85
°C
Reflow Temperature Profile (Refer to page 7)
EMITTER
IF (avg)
DC/Average Forward Input Current
25
mA
IF (pk)
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
50
mA
IF (trans)
Peak Transient Input Current (t
≤ 1 ms P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
5.0
V
PD
Input Power Dissipation
45
mW
DETECTOR
IO (avg)
Average Output Current (Pin 6)
8
mA
IO (pk)
Peak Output Current
16
mA
VEBR
Emitter−Base Reverse Voltage (HCPL0500/0501 only)
5
V
VCC
Supply Voltage
−0.5 to 30
V
VO
Output Voltage
−0.5 to 20
V
IB
Base Current (HCPL0500/0501 only)
5
mA
PD
Output Power Dissipation
100
mW
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com