Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA200 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MA200
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MA200 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MA200 Datasheet HTML 1Page - M-System Co.,Ltd. MA200 Datasheet HTML 2Page - M-System Co.,Ltd. MA200 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MA-200
MA-200 SPECIFICATIONS
ES-8172 Rev.3 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR POWER SUPPLY
(2 A, 200 / 220 / 240 V AC)
Functions & Features
• Designed specifically for AC power supplies up to 2 amps
• No degradation of normal (50/60 Hz) line frequency
• Power indicator lamp provided
M•RESTER
MA
TERMINAL NO.
FUSE
FUSE
2A
2A
LINE SIDE
INSTRU
SIDE
GROUND
1
8
4
5
2
3
6
7
50 [1.97]
119.5 [4.7]
80 [3.15]
mm [inch]
MODEL: MA–200[1]
ORDERING INFORMATION
• Code number: MA-200[1]
Specify a code from below for [1].
(e.g. MA-200/CE)
[1] OPTIONS
Standards & Approvals
blank: Without CE
/CE: CE marking
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Monitor lamp: Red neon lamp turns on when the power is
supplied.
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 330 g (0.73 lb)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: 410 V min.
Line to ground: 410 V min.
Maximum surge voltage
Line to line: 700 V max.
Line to ground: 700 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Line to line: ≤ 1 mA @ 300 V DC
Line to ground: ≤ 1 mA @ 300 V DC
Max. discharge current (Imax): 1000 A (8/ 20 μsec.)
Max. load current: 2 A
Voltage drop: ≤ 2 V (50/60 Hz)
Rated line voltage: 200 V / 220 V / 240 V AC
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
RoHS Directive


Similar Part No. - MA200

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
logo
amphenol-sensors
MA200 AMPHENOLADVANCEDSENSORS-MA200 Datasheet
346Kb / 4P
Biomedical Chip NTC Thermistors
03/2020
logo
Tiger Electronic Co.,Lt...
MA2000 TGS-MA2000 Datasheet
200Kb / 6P
Silicon planar type
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
More results

Similar Description - MA200

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com