Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MDPDM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDPDM
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPDM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDPDM Datasheet HTML 1Page - M-System Co.,Ltd. MDPDM Datasheet HTML 2Page - M-System Co.,Ltd. MDPDM Datasheet HTML 3Page - M-System Co.,Ltd. MDPDM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MDP-DM
MDP-DM SPECIFICATIONS
ES-8120 Rev.2 Page 2/4
http://www.m-system.co.jp/
CONNECTION EXAMPLES
S1
S2
P1
P2
G
+
G
G
+
G
S1
S2
P1
P2
G
+
G
Max. two sets of twisted-pair cables are connectable to one MDP-DM.
P1
P2
S1
S2
MDP−DM
MDP−DM
MDP−DM
DATA−M
DATA−M
DATA−M
1 meter max. (3.28 ft)
1 meter max. (3.28 ft)
1 meter max. (3.28 ft)
(PROTECTED EQUIPMENT)
(PROTECTED EQUIPMENT)
(Protected device)
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com