Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54HC241D Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC241D
Description  RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC241D Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC241D Datasheet HTML 1Page - STMicroelectronics M54HC241D Datasheet HTML 2Page - STMicroelectronics M54HC241D Datasheet HTML 3Page - STMicroelectronics M54HC241D Datasheet HTML 4Page - STMicroelectronics M54HC241D Datasheet HTML 5Page - STMicroelectronics M54HC241D Datasheet HTML 6Page - STMicroelectronics M54HC241D Datasheet HTML 7Page - STMicroelectronics M54HC241D Datasheet HTML 8Page - STMicroelectronics M54HC241D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M54HC241
3/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 35
mA
ICC or IGND DC VCC or Ground Current
± 70
mA
PD
Power Dissipation
420
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr,tf
Input Rise and Fall Time
VCC =2.0V
0 to 1000
ns
VCC =4.5V
0 to 500
ns
VCC =6.0V
0 to 400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com