Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST19WR66 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST19WR66
Description  Dual Contactless Smartcard MCU with MAP, RF UART, IART & 66 Kbytes High Density EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WR66 Datasheet(HTML) 3 Page - STMicroelectronics

  ST19WR66 Datasheet HTML 1Page - STMicroelectronics ST19WR66 Datasheet HTML 2Page - STMicroelectronics ST19WR66 Datasheet HTML 3Page - STMicroelectronics ST19WR66 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
ST19WR66
HARDWARE DESCRIPTION
The product, member of the ST19W platform, is a
serial access microcontroller specially designed
for cost effective secure portable applications.
It is manufactured using an advanced highly reli-
able ST CMOS EEPROM technology.
It is based on the STMicroelectronics 8 bit CPU al-
ready implemented on the ST19X product family
and includes on-chip memories: User ROM, User
RAM and EEPROM with state of the art security
features. ROM, RAM and EEPROM memories can
be configured into partitions with customized ac-
cess rules.
An additional ST ROM contains all ST provided
functions and libraries.
Access from any memory area to another are pro-
tected by hardware FIREWALLS. Access rules are
User defined and can be selected by mask options
or during the life of the product.
The chip includes an Enhanced DES accelerator
which is accessible via cryptographic software li-
braries located in ST ROM.
The chip includes also a MAP which is based on a
1088 bits processor architecture. It processes
modular multiplication, squaring and additional
calculations up to 2176 bit operands.
Internal Modular Arithmetic Processor (MAP) and
enhanced DES accelerator are designed to speed
up cryptographic calculations using Public Key Al-
gorithms and Secret Key Algorithms.
An RF Inteface including an RF Universal Asy-
chornous Receiver Transmitter (UART) enables
contactless communication up to 848 Kbits/s com-
patible with the ISO 14443-N standard.
As with all the other ST19W products, a serial in-
terface fully compatible with the ISO7816 standard
for Smartcard applications is available.
A CRC calculation block is also available and is di-
rectly accessible by the User.
Figure 2. Block Diagram
SOFTWARE DEVELOPMENT
Software development and firmware generation
(ROM and options) are supported by a compre-
hensive set of development tools, dedicated at de-
velopment and validation of softwares:
–
Smartcard ICs Emulator,
–
ST19X simulation package,
–
ScDevTools environment for WindowsTM NT,
2000, XP based stations,
–
Powerful C/C++ compiler and debugger are
also available (third party tools).
–
RF contactless demokit based upon ISO
14443 type B standard.
INTERNAL BUS
MEMORY ACCESS FIREWALL
I/O
1 Serial
I/O
Inter-
face
GND
8 Bit
CPU
3 x 8
Bit
Timer
CRC
Module
CLK
Clock
Gene-
rator
Module
ST ROM, MAP and EDES FIREWALL
RAM
USER ROM
ST ROM, RF
and CRYPTO
LIBRARIES
EDES
ACCELE-
RATOR
MAP
529
Vcc
Gun A
&
Gun B
Secu-
rity
Admin.
RESET
EEPROM
IART
RF
UART
RF
Inter-
face
AC0
AC1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com