Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD55NH2LL-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD55NH2LL-1
Description  N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55NH2LL-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STD55NH2LL-1 Datasheet HTML 1Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 2Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 3Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 4Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 5Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 6Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 7Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 8Page - STMicroelectronics STD55NH2LL-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2004
STD55NH2LL
N-CHANNEL 24V - 0.010
Ω - 40A DPAK/IPAK
ULTRA LOW GATE CHARGE STripFET™ POWER MOSFET
■
TYPICAL RDS(on) = 0.01
Ω @ 10 V
■
TYPICAL RDS(on) = 0.012
Ω @ 4.5 V
■
RDS(ON) * Qg INDUSTRY’s BENCHMARK
■
CONDUCTION LOSSES REDUCED
■
SWITCHING LOSSES REDUCED
■
LOW THRESHOLD DEVICE
■
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX “-1")
■
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
The STD55NH2LL is based on the latest generation of
ST's proprietary STripFET™ technology. An innovative
layout enables the device to also exhibit extremely low
gate charge for the most demanding requirements as
high-side switch in high-frequency DC-DC converters. It's
therefore ideal for high-density converters in Telecom
and Computer applications.
APPLICATIONS
■
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY DC/DC CONVERTES
TYPE
VDSS
RDS(on)
ID
STD55NH2LL
24 V
< 0.011
Ω
40 A(*)
3
2
1
1
3
IPAK
TO-251
(Suffix “-1”)
DPAK
TO-252
(Suffix “T4”)
Ordering Information
ABSOLUTE MAXIMUM RATINGS
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD55NH2LLT4
STD55NH2LL-1
D55NH2LL
D55NH2LL
TO-252
TO-251
TAPE & REEL
TUBE
Symbol
Parameter
Value
Unit
Vspike(1)
Drain-source Voltage Rating
30
V
VDS
Drain-source Voltage (VGS = 0)
24
V
VDGR
Drain-gate Voltage (RGS = 20 k
Ω)
24
V
VGS
Gate- source Voltage
± 18
V
ID(*)
Drain Current (continuous) at TC = 25°C
40
A
ID
Drain Current (continuous) at TC = 100°C
28
A
IDM(2)
Drain Current (pulsed)
160
A
Ptot
Total Dissipation at TC = 25°C
60
W
Derating Factor
0.4
W/°C
EAS(3)
Single Pulse Avalanche Energy
600
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD55NH2LL-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD55NH2LL-1 STMICROELECTRONICS-STD55NH2LL-1 Datasheet
505Kb / 16P
N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
16-Jul-2006
logo
VBsemi Electronics Co.,...
STD55NH2LL-1 VBSEMI-STD55NH2LL-1 Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD55NH2LL-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
20-Jan-2000
STD40NF03L STMICROELECTRONICS-STD40NF03L Datasheet
47Kb / 6P
N-CHANNEL 30V - 0.012 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
14-Jan-2000
STD40NF3LL STMICROELECTRONICS-STD40NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.0095 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
319Kb / 11P
N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
10-Sep-2004
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
16-Jul-2006
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
09-Aug-2006
STP60NH2LL STMICROELECTRONICS-STP60NH2LL Datasheet
293Kb / 14P
N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
31-Jan-2007
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
N-channel 24V - 0.0039Ω - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
02-Aug-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com