Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6911E Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 3 Page - STMicroelectronics

  L6911E Datasheet HTML 1Page - STMicroelectronics L6911E Datasheet HTML 2Page - STMicroelectronics L6911E Datasheet HTML 3Page - STMicroelectronics L6911E Datasheet HTML 4Page - STMicroelectronics L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
L6911E
PIN FUNCTION
N
Name
Description
1
VSEN
Connected to the output voltage is able to manage over-voltage conditions and the PGOO D signal.
2
OCSET
A resistor connected from this pin and the upper Mos Drain sets the current limit protection.
The internal 200
µA current generator sinks a current from the drain through the external resistor.
The Over-Current threshold is due to the following equation:
3
SS/INH
The soft start time is programmed connecting an external capacitor from this pin and GND. The
internal current generator forces through the capacitor 10
µA.
This pin can be used to disable the device forcing a voltage lower than 0.4V
4 - 8
VID0 - 4
Voltage Identification Code pins. These input are internally pulled-up and TTL compatible. They are
used to program the output voltage as specified in Table 1 and to set the overvoltage and power
good thresholds.
Connect to GND to program a ‘0’ while leave floating to program a ‘1’.
9
COMP
This pin is connected to the error amplifier output and is used to compensate the voltage control
feedback loop.
10
FB
This pin is connected to the error amplifier inverting input and is used to compensate the voltage
control feedback loop.
11
GND
All the internal references are referred to this pin. Connect it to the PCB signal ground.
12
PGOO D This pin is an open collector output and is pulled low if the output voltage is not within the above
specified threshlds.
If not used may be left floating.
13
PHASE
This pin is connected to the source of the upper mosfet and provides the return path for the high side
driver. This pin monitors the drop across the upper mosfet for the current limit.
14
UGATE
High side gate driver output.
15
BOOT
Bootstrap capacitor pin. Through this pin is supplied the high side driver and the upper mosfet.
Connect through a capacitor to the PHASE pin and through a diode to Vcc (catode vs boot).
16
PGND
Power ground pin. This pin has to be connected closely to the low side mosfet source in order to
reduce the noise injection into the device
17
LGATE
This pin is the lower mosfet gate driver output
18
VCC
Device supply voltage. The operative supply voltage range is from 4.5 to 12V.
DO NOT CONNECT VIN TO 12V IF VCC IS 5V.
19
OVP
Over voltage protection. If the output voltage reach the 15% above the programmed voltage this pin
is driven high and can be used to drive an external SCR that crowbar the supply voltage.
If not used, it may be left floating.
20
RT
Oscillator switching frequency pin. Connecting an external resistor from this pin to GND, the external
frequency is increased according to the equation:
Connecting a resistor from this pin to Vcc (12V), the switching frequency is reduced according to the
equation:
If the pin is not connected, the switching frequency is 200KHz.
The voltage at this pin is fixed at 1.23V. Forcing a 50
µA current into this pin, the built in oscillator
stops to switch.
IP
I
OCSET
R
OCSET
R
DSon
------------------------------------------------
=
f
S
200kHz
510
6
R
T k Ω
()
--------------------
+
=
f
S
200kHz
410
7
R
T k Ω
()
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com