Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54HC193D Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC193D
Description  RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC193D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC193D Datasheet HTML 2Page - STMicroelectronics M54HC193D Datasheet HTML 3Page - STMicroelectronics M54HC193D Datasheet HTML 4Page - STMicroelectronics M54HC193D Datasheet HTML 5Page - STMicroelectronics M54HC193D Datasheet HTML 6Page - STMicroelectronics M54HC193D Datasheet HTML 7Page - STMicroelectronics M54HC193D Datasheet HTML 8Page - STMicroelectronics M54HC193D Datasheet HTML 9Page - STMicroelectronics M54HC193D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
M54HC193
6/13
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time (COUNT UP,
DOWN - Q)
2.0
65
190
240
285
ns
4.5
20
38
48
57
6.0
16
32
41
48
tPLH tPHL Propagation Delay
Time (COUNT UP -
CARRY)
2.0
40
130
165
195
ns
4.5
13
26
33
39
6.0
11
22
28
33
tPLH tPHL Propagation Delay
Time (COUNT
DOWN -
BORROW)
2.0
40
130
165
195
ns
4.5
13
26
33
39
6.0
11
22
28
33
tPLH tPHL Propagation Delay
Time (LOAD -Q)
2.0
85
220
275
330
ns
4.5
25
44
55
66
6.0
20
37
47
56
tPLH tPHL Propagation Delay
Time (LOAD -
CARRY)
2.0
110
250
315
375
ns
4.5
30
50
63
75
6.0
25
43
54
64
tPLH tPHL Propagation Delay
Time (LOAD -
BORROW)
2.0
110
250
315
375
ns
4.5
31
50
63
75
6.0
25
43
54
64
tPLH tPHL Propagation Delay
Time (DATA - Q)
2.0
80
190
240
285
ns
4.5
25
38
48
57
6.0
20
32
41
48
tPLH tPHL Propagation Delay
Time (DATA -
CARRY)
2.0
120
250
315
375
ns
4.5
34
50
63
75
6.0
28
43
54
64
tPLH tPHL Propagation Delay
Time (DATA -
BORROW)
2.0
110
250
315
375
ns
4.5
30
50
63
75
6.0
25
43
54
64
tPHL
Propagation Delay
Time (CLEAR -Q)
2.0
100
225
280
340
ns
4.5
30
45
56
68
6.0
25
38
48
58
tPLH
Propagation Delay
Time (CLEAR
-CARRY)
2.0
120
250
315
375
ns
4.5
35
50
63
75
6.0
29
43
54
64
tPHL
Propagation Delay
Time (CLEAR -
BORROW)
2.0
120
250
315
375
ns
4.5
35
50
63
75
6.0
29
43
54
64
fMAX
Maximum Clock
Frequency
2.0
5
12
4
3.4
MHz
4.5
25
482017
6.0
30
552420
tW(H)
tW(L)
Minimum Pulse
Width (COUNT UP/
DOWN)
2.0
34
100
125
150
ns
4.5
9
20
25
30
6.0
7
17
21
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com