Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DM20-10NDFEB Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # DM20-10NDFEB
Description  Magnet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

DM20-10NDFEB Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  DM20-10NDFEB Datasheet HTML 1Page - Pepperl+Fuchs Inc. DM20-10NDFEB Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnet
DM 20-10 NDFEB
Permanent magnet for hydraulic cylindrical magnetic field sensors
Dimensions
Technical Data
Ambient conditions
Ambient temperature
max. 120 °C (248 °F)
Mechanical specifications
Material
NdFeB acc. to ratio 262/135
Dimensions
Height: 10 mm
Diameter: 20 mm
Coating
Ni + Sn (approx. 10-15 µm)
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - DM20-10NDFEB

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
Mica Capacitors
logo
Cynergy3 Co
DM200 CYNERGY3-DM200 Datasheet
1Mb / 1P
Depth gauging system
logo
Finisar Corporation.
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-1 FINISAR-DM200-01-1 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-2 FINISAR-DM200-01-2 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

Similar Description - DM20-10NDFEB

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M02 MEDER-M02 Datasheet
75Kb / 1P
Magnet
M05 MEDER-M05 Datasheet
121Kb / 1P
Magnet
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
M04 MEDER-M04 Datasheet
78Kb / 1P
Magnet
M21P-1 MEDER-M21P-1 Datasheet
118Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
ams AG
AS5000-MD6H-1 AMSCO-AS5000-MD6H-1 Datasheet
152Kb / 1P
magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com