Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8184 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8184
Description  11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8184 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8184 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8184 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vitesse.com
Product Brief
11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recov
ery
Physical
Layer
Products
Physical Layer Products
VSC8184
General Description
The VCS8184 combines a clock re-
covery unit and data retiming with a
1:16 Demultiplexer on a single chip to
directly generate 16-bit wide data from
an incoming 11.5Gb/s to 12.5Gb/s data
stream, for use in SONET STS-192/
SDH STM-64 systems. An on-chip
Phase Locked Loop (PLL) with Volt-
age Controlled Oscillator (VCO) gen-
erates a 11.5GHz to 12.5GHz clock,
which remains phase locked to the in-
coming data. The incoming data is
retimed and Demultiplexer into 16 par-
allel outputs. It features a highly flex-
ible reference clock input scheme. The
user can select between 180-195MHz
or 719-781MHz PECL reference clock
inputs. The input serial data sampling
point voltage threshold can be adjusted.
Additional features include a parity bit
(PARITY±) that is clocked out with the
16 parallel data, Bit Order Swap
(BITORDER) and Data Polarity Invert
(DINVERT). To assist in monitoring
device operation a Loss-of-Lock
(LOLN) alarm and no reference clock
(NOREFN) alarm are provided. The
device is packaged in a modified 90-
ball, Ball Grid Array (BGA).
Features:
Continuous 11.5 to 12.5Gb/s
Lock-Range
Low Power 1.6W (Typ)
+3.3V Single Supply
Single-End and Differential
Data Input
50 mV Input Sensitivity (Min)
Slicing Threshold Voltage
Offset Control
LVDS Outputs
180-195 or 719-781 MHz
Reference Clock
Reliable 90-Ball BGA Package
Up to 90°C Case Temperature
On Chip Termination for all
LVDS Inputs
Specifications:
11.5 to 12.5 Gb/s Continuous
Lock-Range Operation
50 mV Input Sensitivity
Supply Voltage: 3.3V (Typ)
Total Power Dissipation:
1.6W (Typ)
15x15mm Low Profile 90 Ball
TBGA (Taped BGA) Package
Operating Temperature Range:
0°C to +90°C (case)


Similar Part No. - VSC8184

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8184

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69899VP MITSUBISHI-M69899VP Datasheet
421Kb / 7P
16:1 2.488 Gbps Demultiplexer(with Differential Output)
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
August 2000
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
12.5Gb/s Modulator Driver Amplifier
logo
Vitesse Semiconductor C...
VSC1235 VITESSE-VSC1235 Datasheet
420Kb / 2P
9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
logo
Maxim Integrated Produc...
MAX3882A MAXIM-MAX3882A Datasheet
220Kb / 13P
2.488Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier
Rev 2; 4/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com