Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R3-DM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-DM
Description  Remote I/O R3 Series BLANK FILLER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-DM Datasheet HTML 1Page - M-System Co.,Ltd. R3-DM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: R3-DM
R3-DM SPECIFICATIONS
ES-8352 Rev.2 Page 1/2
http://www.m-system.co.jp/
Remote I/O R3 Series
BLANK FILLER MODULE
■ Standard type
■ Option /B
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
90
(3.54)
27.5 (1.08)
130
(5.12)
MODEL: R3-DM[1]
ORDERING INFORMATION
• Code number: R3-DM[1]
Specify a code from below for [1].
(e.g. R3-DM/B)
[1] OPTIONS
Housing (refer to the external dimensions)
blank: Standard type
/B: Type B
INSTALLATION
Mounting: Installation Base (model: R3-BSx)
Weight: 150 g (0.33 lb)


Similar Part No. - R3-DM

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
R3-D1A05 RAYEX-R3-D1A05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-D1B05 RAYEX-R3-D1B05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-D1C05 RAYEX-R3-D1C05 Datasheet
1Mb / 2P
R2/R3 SERIES
R3-D2A05 RAYEX-R3-D2A05 Datasheet
1Mb / 2P
R2/R3 SERIES
logo
M-System Co.,Ltd.
R3-D54S/CE MSYSTEM-R3-D54S/CE Datasheet
128Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
More results

Similar Description - R3-DM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-DM MSYSTEM-R6D-DM Datasheet
84Kb / 1P
Remote I/O R6 Series BLANK FILLER MODULE
R6N-DM MSYSTEM-R6N-DM Datasheet
93Kb / 2P
Remote I/O R6 Series BLANK FILLER MODULE
R6S-DM MSYSTEM-R6S-DM Datasheet
94Kb / 1P
Remote I/O R6 Series BLANK FILLER MODULE
R30DM MSYSTEM-R30DM Datasheet
97Kb / 2P
Remote I/O R30 Series BLANK FILLER MODULE
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-SRR8 MSYSTEM-R3-SRR8 Datasheet
162Kb / 5P
Remote I/O R3 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com