Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R3-MEX2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-MEX2
Description  Remote I/O R3 Series VALVE POSITIONER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-MEX2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-MEX2 Datasheet HTML 1Page - M-System Co.,Ltd. R3-MEX2 Datasheet HTML 2Page - M-System Co.,Ltd. R3-MEX2 Datasheet HTML 3Page - M-System Co.,Ltd. R3-MEX2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-MEX2
R3-MEX2 SPECIFICATIONS
ES-8279 Rev.2 Page 2/4
https://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Control Output: SSR (zero-crossing); 20 - 240 V AC 0.1 -
1 A
Leakage current at OFF: Approx. 10 mA @ 240 V AC
Output operation at loss of communication: When a
communication error occurs in the middle of an output
operation, the operation continues toward until reaching
target position most recently set by Host device.
Deviation
+
–
0
Deadband
▼
Output Operation: (terminal No. in parentheses)
(2 – 11) ON to min.
(1 – 11) ON to max.
Deviation
+
–
0
Deadband
▼
(7 – 16) ON to min.
(6 – 16) ON to max.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 190 g (0.42 lb)
PERFORMANCE
■ POSITION FEEDBACK INPUT
Conversion accuracy: ±0.4 %
The conversion accuracy is defined against the
potentiometer's full span.
Conversion rate: 10 msec.
Data range: 0 – 1000
Data allocation: 4
Current consumption: Approx. 50 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Temperature coefficient is defined against the
potentiometer's full span.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
2000 V AC @1 minute (control output 1 to control output 2
to position feedback 1 or position feedback 2 or internal bus
or internal power)
2000 V AC @1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (control output)
Pollution degree 2
Position feedback 1 or position feedback 2 to control
output 1 to control output 2: Reinforced insulation (300 V)
RoHS Directive
FUNCTIONS
• SSR (Solid State Relay)
SSR consists only of semiconductor elements, and thus SSR
is free from arc discharge and chattering which are typical
with electromagnetic relays.
SSR has excellent durability against vibration, physical
impact, and environmental influences.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power
voltage is near zero.
When input is provided in the middle of a wave cycle, SSR
delays switching until the next time the voltage becomes
near zero, thus limiting transient switching noise voltage
and rush current.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com