Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC7111 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC7111
Description  1.8V to 11V, 15 關A, 25 kHz GBW, Rail-to-Rail Input and Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7111 Datasheet(HTML) 2 Page - Microchip Technology

  MIC7111 Datasheet HTML 1Page - Microchip Technology MIC7111 Datasheet HTML 2Page - Microchip Technology MIC7111 Datasheet HTML 3Page - Microchip Technology MIC7111 Datasheet HTML 4Page - Microchip Technology MIC7111 Datasheet HTML 5Page - Microchip Technology MIC7111 Datasheet HTML 6Page - Microchip Technology MIC7111 Datasheet HTML 7Page - Microchip Technology MIC7111 Datasheet HTML 8Page - Microchip Technology MIC7111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MIC7111
DS20006316A-page 2
 2020 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage, (VV+ –VV–) ...................................................................................................................................... +12V
Differential Input Voltage, (VIN+ –VIN–).......................................................................................................... ±(VV+ –VV–)
I/O Pin Voltage, (VIN, VOUT), (Note 1) .......................................................................................... VV+ +0.3V to VV––0.3V
ESD Protection On All Pins, (Note 2) .......................................................................................................................±2 kV
Operating Ratings ††
Supply Voltage, (VV+ –VV–) ........................................................................................................................ +1.8V to +11V
Maximum Power Dissipation .................................................................................................................................. Note 3
† Notice: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside its recommended operating ratings.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: I/O pin voltage is any external voltage to which an input or output is referenced.
2: Devices are ESD protected, however, handling precautions are recommended. All limits guaranteed by test-
ing on statistical analysis. Human body model, 1.5 kΩ in series with 100 pF.
3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX); the
junction-to-ambient thermal resistance, θJA; and the ambient temperature, TA. The maximum allowable
power dissipation at any ambient temperature is calculated using PD = (TJ(MAX) – TA) ÷ θJA. Exceeding the
maximum allowable power dissipation will result in excessive die temperature. See Temperature Specifica-
tions section.
DC ELECTRICAL CHARACTERISTICS (1.8V)
Electrical Characteristics: Unless otherwise indicated, VV+ = +1.8V; VV– = 0V; VCM = VOUT = VV+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
0.9
7
mV
9
mV
–40°C ≤ TJ ≤ +85°C
Input Offset Voltage
Temperature Drift
TCVOS
2.0
μV/
C —
Input Bias Current
IB
1
10
pA
500
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
0.01
0.5
pA
75
–40°C ≤ TJ ≤ +85°C
Input Resistance
RIN
>10
Positive Power Supply
Rejection Ratio
+PSRR
60
85
dB
1.8V ≤ VV+ ≤ 5V, VV– = 0V,
VCM = VOUT = 0.9V
Negative Power Supply
Rejection Ratio
–PSRR
60
85
dB
–1.8V ≤ VV– ≤ –5V, VV+ = 0V,
VCM = VOUT = –0.9V
Common-Mode Rejection
Ratio
CMRR
50
70
dB
VCM = –0.2V to +2.0V
Common-Mode Input
Capacitance
CIN
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com