Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PXV100-F200-R4-V19 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PXV100-F200-R4-V19
Description  Optical reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PXV100-F200-R4-V19 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PXV100-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PXV100-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PXV100-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Optical reading head
PXV100-F200-R4-V19
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
code band (see Technical Data). The stability of the mounting and the guidance of the vehicle
must be provided such that the depth of field of the reading head is not closed during operation.
All reading heads can be optimally customized by parameterization for specific requirements.
The parameterization of reading heads with a bi-directional interface (all except SSI-interface)
can take place via the interface itself (internal parameterization) or via an optical parameteriza-
tion code (external parameterization). The reading heads with SSI interface only have the pos-
sibility of external parameterization via optical parameterization codes.
Displays and Controls
The reading head allows visual function check and fast diagnosis with 7 indicator LEDs. The
reading head has 2 buttons on the reverse of the device to activate the alignment aid and pa-
rameterization mode.
LEDs
External parameterization
For external parameterization you require the parameterization code as Data Matrix with the
desired reading head parameters. Data Matrix code cards for step-by-step external parame-
terization are printed in the reading heads operating instructions.
Parameterization is only possible within 10 minutes of switching on the reading head. If a button
is pressed after 10 minutes subsequent to switching on, there is visual signaling via the LEDs
(LED1, yellow/LED2, red/LED3, yellow/LED4, yellow/LED5, yellow flash for 2 seconds)
• The switchover from normal operation to parameterization mode is via button 2 on the re-
verse of the reading head. Button 2 must be pressed for more than 2 seconds. LED3 now
flashes.
Note: Parameterization mode automatically ends after 1 minute of inactivity. The reading
head returns to normal operation and works with unchanged settings.
• Place the parameterization code in the view of the camera module. After recognition of the
parameterization code, the green LED2 lights up for 1s. In the event of an invalid param-
eterization code, the red LED2 lights up for 2 s.
• A short press on button 2 ends the parameterization mode and the changed parameters
are not stored volatile in the reading head.
Alignment aid for the Y and Z coordinates
The activation of the alignment aid is only possible within 10 minutes of switching on the read-
ing head. The switchover from normal operation to “alignment aid operating mode is via button
1 on the reverse of the reading head.
• Press the button 1 for longer than 2 s. LED2 flashes green for a recognized code band.
LED2 flashes red for an unrecognized code band.
•Z coordinate: If the distance of the camera to the code band too small, the yellow LED5
lights up. If the distance of the camera to the code band too large, the yellow LED5 lights
up. Within the target range, the yellow LED5 flashes at the same time as the green LED2.
•Y coordinate: If the optical axis of the camera is too deep in relation to the middle of the
code band, the yellow LED4 lights up. If the optical axis is too high, the yellow LED4 extin-
guishes. Within the target range, the yellow LED4 flashes at the same time as the green
LED2.
• A short press on button 1 ends the alignment aid and the reading head changes to normal
operation.
LED
Color
Label
Meaning
1
Yellow
COM
Communication active
2Green/red
PWR/ADJ
ERR/NO CODE
Code recognized/not recognized, Error
3
Yellow
OUT1
Output 1
4
Yellow
OUT2/ADJ Y
Output 2, Alignment aid Y
5
Yellow
OUT3/ADJ Z
Output 3, Alignment aid Z
6,7
red/green/yellow
INTERNAL
DIAGNOSTICS
Internal diagnostics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com