Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OBT20-R102-P1-IO-F Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBT20-R102-P1-IO-F
Description  Triangulation sensor (BGS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBT20-R102-P1-IO-F Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBT20-R102-P1-IO-F Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBT20-R102-P1-IO-F Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Triangulation sensor (BGS)
OBT20-R102-P1-IO-F
< Miniature design with versatile mounting options
< Best background suppressor in its class
< Precision object detection, almost irrespective of the color
< Extended temperature range
-40°C ... 60°C
< High degree of protection IP69K
< IO-Link interface for service and process data
Triangulation sensor with background suppression
Function
The miniature optical sensors are the first devices of their kind to offer an end-to- end solution in a small single standard design — from thru-beam
sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all standard automation
tasks.
The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor.
The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their
operating environment.
Dimensions
3
6.4
ø 3
.2
(2x)
8
18.3
20.5
6.6
3.3
M2
(2x)
9.85
13.9
Emitter
Receiver
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBT20-R102-P1-IO-F

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT20-R102-P1-IO-V31 PF-OBT20-R102-P1-IO-V31 Datasheet
366Kb / 3P
Triangulation sensor with background suppression
OBT20-R102-P1-IO-V31-F PF-OBT20-R102-P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
More results

Similar Description - OBT20-R102-P1-IO-F

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBT150-R101-2EP1-IO-V31 PF-OBT150-R101-2EP1-IO-V31 Datasheet
927Kb / 6P
Triangulation sensor (BGS)
OBT150-R101-2EP1-IO PF-OBT150-R101-2EP1-IO Datasheet
896Kb / 6P
Triangulation sensor (BGS)
OBT20-R102-2P1-IO-V31-F PF-OBT20-R102-2P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
OBT20-R102-P1-IO-V31-F PF-OBT20-R102-P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
OBT300-18GM40-E0-V1 PF-OBT300-18GM40-E0-V1 Datasheet
835Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM40-E2-V1 PF-OBT300-18GM40-E2-V1 Datasheet
835Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM40-E2 PF-OBT300-18GM40-E2 Datasheet
786Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E4-V1 PF-OBT300-18GM60-E4-V1 Datasheet
848Kb / 5P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E4 PF-OBT300-18GM60-E4 Datasheet
743Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E5-V1 PF-OBT300-18GM60-E5-V1 Datasheet
848Kb / 5P
Triangulation sensor (BGS)
2022-03-24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com