Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118016-1 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 2118016-1
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118016-1 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 2118016-1 Datasheet HTML 5Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 6Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 7Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 8Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 9Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 10Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 11Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 12Page - TE Connectivity Ltd 2118016-1 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
GNSS
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 9
TE Part
Number
Product Image
Frequency
Band (MHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
2195760-1
1559 - 1606
2400 - 2500
5150 - 5875
GNSS, Wi-Fi
dual, Combo
Adhesive mount <2.5:1
3
50
15
0.15
• Embedded FPC
• Cable lengths: 150 mm or custom
• Combo (GNSS & WiFi)
• Mating connector type: MHF
2195761-1
1559 - 1606
GNSS
Surface mount
<3:1
5
25
25
4
• On board ceramic patch
2195762-1
1559 - 1606
GNSS
Surface mount
<3:1
5
35
35
4
• On board ceramic patch
2118900-1
1560 - 1602
GNSS
Surface mount
< 2.0:1
3.5
10
10
1
• On board PCB
• Isotropic
1513634-1
1565 - 1585
GPS
Surface mount
<3:1
0
16 dia.
16 dia.
6.05
• On board puck
• Isotropic
• On ground (no cut out on the ground
plane)
2195765-1
1570 - 1580
2400 - 2500
GNSS, Wi-Fi
Surface mount
< 2.0:1
1
3.2
1.7
0.5
• On board ceramic chip
2195764-1
1570 - 1615
GNSS
Surface mount
< 2.0:1
3.2
5.2
3.76
0.7
• On board ceramic chip
2108783-1/-2
617 - 3800
5G, 4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS
Wi-Fi, LoRa,
Sigfox
Surface mount
Refer to
data sheet
Refer to
data sheet
38
7.5
3.2
• Combination antenna
• On board PCB
• Small form factor
• Packaging
-1: bulk packaged
-2: T&R packaged
2108784-1/-2
698 - 6000
5G, 4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS
Wi-Fi, LoRa,
Sigfox
Surface mount
Refer to
data sheet
Refer to
data sheet
38
7.5
3.2
• Combination antenna
• On board PCB
• Small form factor
• Packaging
-1: bulk packaged
-2: T&R packaged
2195728-1
698 - 2700
5G, 4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS
Wi-Fi, LoRa,
Sigfox
Tab mount
(Through-hole)
3.0 : 1
Refer to
data sheet
55
1.6
20
• Combination antenna
• On board PCB
2118879-1, -2,
-4
698-960,
1710-2170,
2300-2700
4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS,
Wi-Fi, LoRa,
Sigfox
Adhesive mount
Refer to
data sheet
Refer to
data sheet
110
14
1.6
• Combination antenna
• Embedded PCB
• Cable length can be customized
• Mating connector type: SMA
2195729-1/-2
617 - 960
1427 - 1661
1710 - 2170
2500 - 2690
3300 - 4200
4400 - 5000
5150 - 5925
5G, 4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS world
band
Terminal mount
Refer to
data sheet
Refer to
data sheet
135.7
20.1
-
• Terminal dipole
• -1 = black, -2 = white
• Mating connector type: SMA
L1/L2 High Precision
2195766-1
1228
1575
GNSS
Surface mount
< 2.0:1
4.5
38
38
8.9
• On board ceramic chip
• L1/L2 high precision
2195767-1
1228
1575
GNSS
Surface mount
< 2.0:1
5
38
38
14.86
• On board ceramic chip
• L1/L2 high precision
Active
2195763-1
1559 - 1606
GNSS
Adhesive mount <3:1
26
35.56
35.5
9
• Embedded patch
• Cable lengths: 70 mm or custom
• 3 V/4.5 mA
• Mating connector type: MHF
2195768-1
1573 - 1577
GNSS
Adhesive mount < 2.0:1
19
12
12
5.65
• Embedded patch
• Cable lengths: 83 mm or custom
• 3 V/4.5 mA
• Mating connector type: MHF
2195774-1
1575 - 1602
GNSS
External
< 2.0:1
>10 (LNA) 49.14
46.14
15.94
• External patch in plastic housing
• Cable lengths: 3000 mm or custom
• Active
• 3 V/10 mA
• Mating connector type: SMA (magnetic
mount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com