Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118651-6 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 2118651-6
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118651-6 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 2118651-6 Datasheet HTML 3Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 4Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 5Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 6Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 7Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 8Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 9Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 10Page - TE Connectivity Ltd 2118651-6 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STANDARD ANTENNA PART NUMBER DETAIL
Cellular, NB-IoT, CAT-M, 2G-5G
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 7
TE Part
Number
Product Image
Frequency
Band (MHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
2108783-1/
-2
617 - 3800
5G, 4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS
Wi-Fi, LoRa,
Sigfox
Surface mount
Refer to
data sheet
Refer to
data sheet
38
7.5
3.2
• Combination antenna
• On board PCB
• Small form factor
• Packaging
-1: bulk packaged
-2: T&R packaged
2108784-1/
-2
698 - 6000
5G, 4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS
Wi-Fi, LoRa,
Sigfox
Surface mount
Refer to
data sheet
Refer to
data sheet
38
7.5
3,2
• Combination antenna
• On board PCB
• Small form factor
• Packaging
-1: bulk packaged
-2: T&R packaged
2195728-1
698 - 2700
5G, 4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS
Wi-Fi, LoRa,
Sigfox
Tab mount
(Through-hole)
3.0 : 1
Refer to
data sheet
55
1.6
20
• Combination antenna
• On board PCB
2108994-1
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M,
Wi-Fi
Surface mount
<3:1
2.3
40
10
3.2
• On board PCB
2118903-1
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M
Surface mount
<3:1
2.3
75
11.9
1.64
• On board PCB
2118614-1
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M
Tab mount
(Through-hole)
Refer to
data sheet
Refer to
data sheet
50
20
1.64
• On board PCB
2118898-1/ -2
902 - 928
2400 - 2483.5
ISM, ZigBee,
Bluetooth,
Wi-Fi
Adhesive mount <2:1
2.3
140
20
0.25
• Embedded flexible PCB
• Cable lengths: 185, 255 mm, or custom
• Mating connector type: MMCX
2361492-1/
-2
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M
Adhesive mount
Refer to
data sheet
Refer to
data sheet
65
15
1
• Embedded PCB
• Cable lengths: 50, 200 mm, or custom
• Mating connector type: MHF (MHF4
available on request)
2372105-1/
-2
Refer to
data sheet
Refer to
data sheet
65
15
1
• Embedded PCB
• Cable lengths: 100, 150 mm, or custom
• Mating connector type: MHF (MHF4
available on request)
2367286-1/
-2
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M
Adhesive mount
Refer to
data sheet
Refer to
data sheet
65
15
0.14
• Embedded FPC
• Cable lengths: 50, 200 mm, or custom
• Mating connector type: MHF (MHF4
available on request)
2372112-1/ -2
Refer to
data sheet
Refer to
data sheet
65
15
0.14
• Embedded FPC
• Cable lengths: 100, 150 mm, or custom
• Mating connector type: MHF (MHF4
available on request)
2118879-1/
-2/ -4
698-960,
1710-2170,
2300-2700
4G, 3G, 2G,
NB-IoT,
Cat-M, GNSS,
Wi-Fi, LoRa,
Sigfox
Adhesive mount
Refer to
data sheet
Refer to
data sheet
110
14
1.6
• Combination antenna
• Embedded PCB
• Cable length can be customized
• Mating connector type: SMA
2108788-1
824 - 960
1710 - 1990
3G, 2G, ISM
Surface mount
<3:1
1
37.59
11.94
1.57
• On board PCB
• Packaging
-1: Bulk packaged
-2: T&R packaged
2118310-1
698 - 960
1710 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M,
Wi-Fi
Tab mount
(Through-hole)
<3:1
3.5
74
10.56
1.57
• On board PCB
2118308-1/
-2/ -3/ -4/
-5/ -6/ -8
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT, Cat-M,
Wi-Fi
Adhesive mount <3:1
3.9
110
14
0.51
• Embedded PCB
• Cable lengths: 120, 150, 193, 203, 290,
500 mm, or custom
• Mating connector types: MHF, MHF4L,
MCX
1513317-1
824 - 960
1710 - 2170
3G, 2G, ISM,
NB-IoT, Cat-M
Tab mount
(Through-hole)
<3:1
2
49.9
20.27
1.58
• On board PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com