Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM205 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM205
Description  Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM205 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM205 Datasheet HTML 1Page - National Semiconductor (TI) LM205 Datasheet HTML 2Page - National Semiconductor (TI) LM205 Datasheet HTML 3Page - National Semiconductor (TI) LM205 Datasheet HTML 4Page - National Semiconductor (TI) LM205 Datasheet HTML 5Page - National Semiconductor (TI) LM205 Datasheet HTML 6Page - National Semiconductor (TI) LM205 Datasheet HTML 7Page - National Semiconductor (TI) LM205 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
(Note 5)
LM105
LM305
LM305A
Input Voltage
50V
40V
50V
Input-Output Differential
40V
40V
40V
Power Dissipation (Note 1)
800 mW
800 mW
800 mW
Operating Temperature Range
b
55 Cto a125 C
b
0 Cto a70 C0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
300 C
300 C
Electrical Characteristics (Note 2)
Parameter
Conditions
LM105
LM305
LM305A
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Voltage Range
85
50
85
40
85
50
V
Output Voltage Range
45
40
45
30
45
40
V
Input-Output Voltage
30
30
30
30
30
30
V
Differential
Load Regulation
RSC e 10X TA e 25 C
002
005
002
005
%
(Note 3)
RSC e 10X TA e TA(MAX)
003
01
003
01
%
RSC e 10X TA e TA(MIN)
003
01
003
01
%
0 s IO s 12 mA
0 s IO s 12 mA
RSC e 0X TA e 25 C
002
02
%
RSC e 0X TA e 70 C
003
04
%
RSC e 0X TA e 0 C
003
04
%
0 s IO s 45 mA
Line Regulation
TA e 25 C
%V
0 C s TA s a70 C
%V
VIN b VOUT s 5V TA e 25 C
0025
006
0025
006
0025
006
%V
VIN b VOUT t 5V TA e 25 C
0015
003
0015
003
0015
003
%V
Temperature Stability
TA(MIN) s TA s TA(MAX)
03
10
03
10
03
10
%
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com