Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST22FJ1M Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST22FJ1M
Description  Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22FJ1M Datasheet(HTML) 4 Page - STMicroelectronics

  ST22FJ1M Datasheet HTML 1Page - STMicroelectronics ST22FJ1M Datasheet HTML 2Page - STMicroelectronics ST22FJ1M Datasheet HTML 3Page - STMicroelectronics ST22FJ1M Datasheet HTML 4Page - STMicroelectronics ST22FJ1M Datasheet HTML 5Page - STMicroelectronics ST22FJ1M Datasheet HTML 6Page - STMicroelectronics ST22FJ1M Datasheet HTML 7Page - STMicroelectronics ST22FJ1M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST22FJ1M
4/8
The product has two execution modes. Java mode
is used when JavaCard™ 2.x byte codes are be-
ing executed. Native mode is used for long JavaC-
ard™ byte codes, Native methods and system
routines. The processor enters Java mode when a
dispatch (DISP) instruction is encountered. When
executing in Native mode, there are two privilege
levels, User and Supervisor. Some instructions
can only be executed in Supervisor mode.
Instructions are of variable length, from 1 to 4
bytes in Native mode.
Special instructions exist for single-cycle stack op-
erations, a frequent occurrence in Java code.
Short branches and conditional branches within a
1 KByte block or the entire 16-MByte instruction
space are supported.
The product has four stages of pipeline in Native
mode: fetch, decode, execute and write-back. In
Java mode, there are five stages of pipeline: byte
code-fetch, byte code-decode, decode, execute
and write-back.
The CPU core has 16 32-bit general purpose reg-
isters, as well as 11 special registers of variable
length.
The chip also features a very high performance
Asynchronous Serial Interface (ASI) to support
high speed serial communication protocols com-
patible with ISO 7816 standards.
It is manufactured using the highly reliable ST
CMOS FLASH technology.
EMBEDDED SOFTWARE
The Hardware Software Interface (HSI) imple-
ments the Hardware abstraction layer. It consists
of C interfaces to the FLASH memory and periph-
erals. The drivers are:
– Non Volatile Memory
– Flash memory
– Asynchronous Serial Interface
– Central Interrupt Controller
– Timer
– Random Number Generator
– Clock Manager
– Memory Protection Unit
– Sensors
– Security
Note:
– The HSI driver software layer is access to the
peripherals and Non Volatile Memory for
programming or erasing.
– Only the OS and JavaCard™ Virtual Machine
(JVM) domains can access the HSI software
layer (In the following the term OS will refer to
the software layer that is directly interfaced to
the HSI).
CRYPTOGRAPHIC LIBRARY
ST proposes a complete set of firmware subrou-
tines. This library is located in a specific ROM ar-
ea. It saves the operating system designer from
coding first layer functions and allows him to con-
centrate on algorithms, Public Key Cryptography
and Secret Key Cryptography protocols imple-
mentation.
The cryptographic library, located in a specific
ROM area, contains firmware functions for:
I ASYMMETRICAL ALGORITHMS:
– basic mathematics including modular
squaring and multiplication for various
lengths;
– modular exponentionation;
– more elaborate functions such as RSA
signatures and verifications for modulo length
up to 2048 bits long;
– full internal key generation for signatures/
verifications. This guarantees that the secret
key will never be known outside the chip and
contributes to the overall system security.
– long random number generation
– SHA-1
– RSA key generation
I SYMMETRICAL ALGORITHMS
– DES, Triple DES
– AES-128, AES-192, AES-256



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com