Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUH313 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUH313
Description  HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUH313 Datasheet(HTML) 1 Page - STMicroelectronics

  BUH313 Datasheet HTML 1Page - STMicroelectronics BUH313 Datasheet HTML 2Page - STMicroelectronics BUH313 Datasheet HTML 3Page - STMicroelectronics BUH313 Datasheet HTML 4Page - STMicroelectronics BUH313 Datasheet HTML 5Page - STMicroelectronics BUH313 Datasheet HTML 6Page - STMicroelectronics BUH313 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUH313
HIGH VOLTAGE FASTSWITCHING NPN
POWER TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
HIGH VOLTAGE CAPABILITY
s
U.L. RECOGNISED ISOWATT218 PACKAGE
(U.L. FILE # E81734 (N)).
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOUR
TV
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The BUH313 is manufactured using Multiepitaxial
Mesa
technology
for
cost-effective
high
performance and uses a Hollow Emitter structure
to enhance switching speeds.
The BUH series is designed for use in horizontal
deflection circuits in televisions and monitors.
INTERNAL SCHEMATIC DIAGRAM
June 1996
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Unit
VCBO
Collector-Base Voltage (IE = 0)
1300
V
VCEO
Collector-Emit ter Voltage (IB = 0)
600
V
VEBO
Emitter-Base Voltage (IC =0)
10
V
IC
Collector Current
5
A
ICM
Collector Peak Current (tp <5 ms)
8
A
IB
Base Current
3
A
IBM
Base Peak Current (tp <5 ms)
5
A
Ptot
T otal Dissipat ion at Tc =25
oC44
W
Tstg
Storage Temperat ure
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1
2
3
ISOWATT218
1/7


Similar Part No. - BUH313

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BUH313 SAVANTIC-BUH313 Datasheet
145Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH313 ISC-BUH313 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUH313 SAVANTIC-BUH313 Datasheet
147Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH313D ISC-BUH313D Datasheet
109Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUH313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
BUH517 STMICROELECTRONICS-BUH517 Datasheet
158Kb / 5P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE NPN FASTSWITCHING TRANSISTOR
Feb 1991
logo
Micro Electronics
BU508D MICRO-ELECTRONICS-BU508D Datasheet
96Kb / 8P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
logo
STMicroelectronics
SGSF344 STMICROELECTRONICS-SGSF344 Datasheet
188Kb / 5P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1997
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
SGSF324 STMICROELECTRONICS-SGSF324 Datasheet
87Kb / 6P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Sep-1997
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
Jun-1996
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com