Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # REM
Description  PRECISION RESISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

REM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  REM Datasheet HTML 1Page - M-System Co.,Ltd. REM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: REM
http://www.m-system.co.jp/
REM SPECIFICATIONS
ES-9211 Rev.4 Page 1/2
PRECISION RESISTOR MODULE
Functions & Features
• Attached to the base socket of M-UNIT, H-UNIT
and other plug-in type signal conditioners in order
that the units are able to accept a DC current input
MODEL: REM–[1]
ORDERING INFORMATION
• Code number: REM-[1]
Specify a code from below for [1].
(e.g. REM-250)
[1]RESISTANCE VALUE
10: 10 Ω
50: 50 Ω
62.5: 62.5 Ω
100: 100 Ω
250: 250 Ω
500: 500 Ω
1k: 1 kΩ
GENERAL SPECIFICATIONS
Material
Resistor: Manganine (winding)
Enclosure: Acmerite #100 (black)
Molding: epoxy resin (black)
Leg: nickel-plated phosphor bronze
CURRENT-VOLTAGE CONVERSION TABLE
10Ω
50Ω
62.5Ω
100Ω
0 – 100mV DC
250Ω
500Ω
1kΩ
0 – 1V DC
CURRENT
RESISTANCE
100 – 500mV DC
0.2 – 1V DC
0.5 – 2.5V DC
10Ω
50Ω
62.5Ω
100Ω
250Ω
500Ω
1kΩ
CURRENT
RESISTANCE
INSTALLATION
Operating temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: Approx. 5 g (0.18 oz)
PERFORMANCE
Accuracy: ±0.1 %
Temp. coefficient: ±30 ppm/°C(±16.7 ppm/°F)
Rated wattage: 0.5 W at 60°C or 140°F


Similar Part No. - REM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
REM MERITEK-REM Datasheet
310Kb / 3P
High ripple current, low impedance series with 7mm height.
logo
Turck, Inc.
REM-101S10S-9F32B-H1151 TURCK-REM-101S10S-9F32B-H1151 Datasheet
243Kb / 3P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
REM-101S6C-9F32B-H1151 TURCK-REM-101S6C-9F32B-H1151 Datasheet
978Kb / 2P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
REM-101S6S-9F32B-H1151 TURCK-REM-101S6S-9F32B-H1151 Datasheet
278Kb / 3P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
REM-101S8C-9F32B-H1151 TURCK-REM-101S8C-9F32B-H1151 Datasheet
945Kb / 3P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
More results

Similar Description - REM

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com