Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW4810 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW4810
Description  Power Management for Multimedia Processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 10Page - STMicroelectronics STW4810 Datasheet HTML 11Page - STMicroelectronics STW4810 Datasheet HTML 12Page - STMicroelectronics STW4810 Datasheet HTML 13Page - STMicroelectronics STW4810 Datasheet HTML 14Page - STMicroelectronics STW4810 Datasheet HTML 15Page - STMicroelectronics STW4810 Datasheet HTML 16Page - STMicroelectronics STW4810 Datasheet HTML 17Page - STMicroelectronics STW4810 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
4 Functional description
STw4810
14/72
Rev3
4.2.2
POWER OFF / VDDOK
In case of VDDOK falling edge due to under voltage on VCORE or VIO_VMEM detected,
or ‘it_twarn’ bit set to “1” (
Table 17), then multimedia processor is reset (PORn low during
a minimum time of 312.5 µs) and restarted with no time-out. (see
Figure 5). In case of
VDDOK falling edge because PWREN balls equals “0”, there is no reset (PORn still high).
In case of PON falling edge (STw4810 switched off from modem) multimedia processor is
also reset with no time-out. We consider that clean switch off between modem and
multimedia processor is done by software directly.
Figure 5.
VDDOK block diagram
4.2.3
SLEEP mode
STw4810 goes into SLEEP mode by different ways.
Whether VCORE, VIO_VMEM and VAUX are programmed to SLEEP mode or not is indicated
in
Table 26.
Taking in account the bit programming from
Table 26, SLEEP mode is summarized with the
following formula:
SLEEP = (Vxxx_SLEEP x PWREN) + (Vxxx_FORCE_SLEEP) = 1,
(Vxxx = VCORE or VIO_VMEM or VAUX)
Digital block
&
vcore_monitor
vio_monitor
&
VDDOK
it_twarn
Reg status
register reset after
read operation
or PON falling edge
or PORN_VBAT.
mask_twarn
VDDOK
PORn
312.5 µs
(10* 32 Khz)
Under voltage detection
Operating voltage threshold value reached
PWREN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com