Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5755PCK-410 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # RF5755PCK-410
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5755PCK-410 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button RF5755PCK-410 Datasheet HTML 5Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 6Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 7Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 8Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 9Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 10Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 11Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 12Page - Qorvo, Inc RF5755PCK-410 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Vreg
Pdet
TX_IN
C_RX
BT
VCC
C6
1uF
C7
180pF
RX_OUT
L1
1.1nH
C1
0.1uF
LNAVDD
C_BWRx
C_BT
R1
5.6k
ANT
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com