Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5565PCK-410 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RF5565PCK-410
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5565PCK-410 Datasheet(HTML) 5 Page - Qorvo, Inc

  RF5565PCK-410 Datasheet HTML 1Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 2Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 3Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 4Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 5Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 6Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 7Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 8Page - Qorvo, Inc RF5565PCK-410 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF5565
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Other Requirements, cont.
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
500
V
JESD22-C101C all pins
Note 1: The PA module must operate with gated bias voltage input at 1% to 99% duty cycle.
Note 2: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.
Mode
C_TX
C_RX
C_BT
VREG
LNA_EN
Transmit
H
L
L
H
L
Receive
L
H
L
L
H
Bypass
L
H
L
L
L
Bluetooth
L
L
H
L
L
Standby
LLLL
L
Logic Voltage Levels
H
3.0V to 3.6V
L<0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com