Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPF7100BVMA2ES Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 29Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 30Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 31Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 32Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 33Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 34Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 35Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 36Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
33 / 125
Table 24. Regulator control during fault event bits
Regulator
Bit to disable the
regulator during current
limit
Bit to disable the
regulator during
undervoltage
Bit to disable the
regulator during
overvoltage
SW1
SW1_ILIM_STATE
SW1_UV_STATE
SW1_OV_STATE
SW2
SW2_ILIM_STATE
SW2_UV_STATE
SW2_OV_STATE
SW3
SW3_ILIM_STATE
SW3_UV_STATE
SW3_OV_STATE
SW4
SW4_ILIM_STATE
SW4_UV_STATE
SW4_OV_STATE
SW5
SW5_ILIM_STATE
SW5_UV_STATE
SW5_OV_STATE
LDO1
LDO1_ILIM_STATE
LDO1_UV_STATE
LDO1_OV_STATE
LDO2
LDO2_ILIM_STATE
LDO2_UV_STATE
LDO2_OV_STATE
ILIM faults are debounced for 1.0 ms before they can be detected as a fault condition. If
the regulator is programed to disable upon an ILIM condition, the regulator turns off as
soon as the ILIM condition is detected.
OV/UV faults are debounced as programmed by the OV_DB and UV_DB registers,
before they are detected as a fault condition. If the regulator is programmed to disable
upon an OV or UV, the regulator turns off if the fault persists for longer than 300 µs after
the OV/UV fault has been detected.
RegX_STATE = 0 && Regx_FLT_REN = 0
ILIM fault
RegX_STATE = 0 && Regx_FLT_REN = 0
OV/UV fault
User
Enabled
300 µs
PGOOD
REGx
I_REGx
REGx_EN
RegX_PG
REGx_EN
REGx
User
Enabled
ILIM
1 ms
aaa-028057
Figure 13. Regulator turned off upon with RegX_STATE = 0 and FLT_REN = 0
When a regulator is programmed to disable upon an OV, UV, or ILIM fault, a bit is
provided to decide whether a regulator can return to its previous configuration or remain
disabled when the fault condition is cleared.
SWx_FLT_REN / LDOx_FLT_REN
• 0 = regulator remains disabled after the fault condition is cleared or no longer present
• 1 = regulator returns to its previous state if fault condition is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com