Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TGA2224 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # TGA2224
Description  32 ??38 GHz 5 Watt GaN Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2224 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button TGA2224 Datasheet HTML 13Page - Qorvo, Inc TGA2224 Datasheet HTML 14Page - Qorvo, Inc TGA2224 Datasheet HTML 15Page - Qorvo, Inc TGA2224 Datasheet HTML 16Page - Qorvo, Inc TGA2224 Datasheet HTML 17Page - Qorvo, Inc TGA2224 Datasheet HTML 18Page - Qorvo, Inc TGA2224 Datasheet HTML 19Page - Qorvo, Inc TGA2224 Datasheet HTML 20Page - Qorvo, Inc TGA2224 Datasheet HTML 21Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
TGA2224
32  – 38 GHz 5 Watt GaN Amplifier
Data Sheet Rev. D, February 2021 | Subject to change without notice
21 of 21
www.qorvo.com
®
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED
HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER
EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE,
INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2019 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
•
Lead Free
•
Halogen Free (Chlorine, Bromine)
•
Antimony Free
•
TBBP-A (C15H12Br402) Free
•
PFOS Free
•
SVHC Free
•
PFOS Free
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
1A
ANSI/ESD/JEDEC JS-001
Solderability
Use only AuSn (80/20) solder, and limit exposure to temperatures above 30
0 °C to 30 seconds, maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com