Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24CS512 Datasheet(PDF) 64 Page - Microchip Technology

Part # 24CS512
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512 Datasheet(HTML) 64 Page - Microchip Technology

Back Button 24CS512 Datasheet HTML 58Page - Microchip Technology 24CS512 Datasheet HTML 59Page - Microchip Technology 24CS512 Datasheet HTML 60Page - Microchip Technology 24CS512 Datasheet HTML 61Page - Microchip Technology 24CS512 Datasheet HTML 62Page - Microchip Technology 24CS512 Datasheet HTML 63Page - Microchip Technology 24CS512 Datasheet HTML 64Page - Microchip Technology 24CS512 Datasheet HTML 65Page - Microchip Technology 24CS512 Datasheet HTML 66Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
24CS512
DS20005769C-page 64
 2018-2021 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24CS512 =
I2C-Compatible Serial EEPROM with 128-Bit
Serial Number
Tape and Reel
Option:
Blank
=
Standard Packaging (tube or tray)
T
=
Tape and Reel(1)
Temperature
Range:
I=
-40
C to +85C (Industrial)
E=
-40
C to +125C (Extended)
Package:
MS
=
8-Lead Plastic Micro Small Outline Package
(MSOP)
P
=
8-Lead Plastic Dual In-Line – 300 mil Body
(PDIP)
SN
=
8-Lead Plastic Small Outline – Narrow,
3.90 mm Body (SOIC)
SM
=
8-Lead Plastic Small Outline – Medium,
5.28 mm Body (SOIJ)
OT
=
5-Lead Plastic Small Outline Transistor
(SOT-23)
ST
=
8-Lead Plastic Thin Shrink Small Outline –
4.4 mm Body (TSSOP)
Q4B
=
8-Lead Plastic Dual Flat, No Lead Package –
2x3x0.6 mm (UDFN)
CS0668
=
8-Ball Extremely Thin Fine Pitch Wafer Level
Chip Scale Package (CSP)
Examples:
a) 24CS512T-I/MS
= Tape and Reel, Industrial
Temp., 1.7V-5.5V, MSOP
Package.
b) 24CS512-I/P
= Industrial Temp., 1.7V-5.5V,
PDIP Package.
c) 24CS512-E/P
= Extended Temp., 1.7V-5.5V,
PDIP Package.
d) 24CS512T-I/SN
= Tape and Reel, Industrial
Temp., 1.7V-5.5V, SOIC
Package.
e) 24CS512-E/SN
= Extended Temp., 1.7V-5.5V,
SOIC Package.
f)
24CS512T-E/SN
= Tape and Reel, Extended
Temp., 1.7V-5.5V, SOIC
Package.
g) 24CS512T-I/SM
= Tape and Reel, Industrial
Temp., 1.7V-5.5V, SOIJ Pack-
age.
h) 24CS512-E/SM
= Extended Temp., 1.7V-5.5V,
SOIJ Package.
i)
24CS512T-I/OT
= Tape and Reel, Industrial
Temp., 1.7V-5.5V, SOT-23
Package.
j)
24CS512T-I/Q4B
= Tape and Reel, Industrial
Temp., 1.7V-5.5V, UDFN
Package.
k) 24CS512T-I/CS0668 = Tape and Reel, Industrial
Temp., 1.7V-5.5V, CSP
Package.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package avail-
ability with the Tape and Reel option.
[X]
Tape and Reel
Option
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com