Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZHX1203 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # ZHX1203
Description  SIR UltraSlim Transceiver (IrMC)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX1203 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button ZHX1203 Datasheet HTML 6Page - Zilog, Inc. ZHX1203 Datasheet HTML 7Page - Zilog, Inc. ZHX1203 Datasheet HTML 8Page - Zilog, Inc. ZHX1203 Datasheet HTML 9Page - Zilog, Inc. ZHX1203 Datasheet HTML 10Page - Zilog, Inc. ZHX1203 Datasheet HTML 11Page - Zilog, Inc. ZHX1203 Datasheet HTML 12Page - Zilog, Inc. ZHX1203 Datasheet HTML 13Page - Zilog, Inc. ZHX1203 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ZHX1203
SIR UltraSlim Transceiver (IrMC)
PS016402-1102
P
R
E
L
I
M
I
N
A
R
Y
6
Startup time
TSTU
300
µs
Latency
TRRT
25
50
µs
Minimum input
irradiance
Eemin
VCC=3.3 V
9
µW/cm2 θh, θv<(+15°)
Maximum input
irradiance
Eemax
VCC=3.3 V
500
mW/cm
2
θh, θv<(+15°)
Logic low input
irradiance
EeL
VCC=3.3 V
0.3
µW/cm2
Peak wavelength
λρ
870
nm
Unless otherwise noted: VCC=3.3 V, GND=0 V, TA=25 °C
Table 5. Transmitter Electrical Characteristics
Parameter
Symbol Condition
Min
Typical
Max
Unit
Remarks
High-level input
voltage
VIH
0.75VCC
VTxD
Low-level input
voltage
VIL
0.4
V
TxD
Transmitter current
ILED
40
65
mA
LEDA pin
Startup time
TSTU
20
µs
LED protection
timeout
130
270
µsProtects LED
when TxD is left
high
Trans. radiant
intensity
IE
3.6
72
mW/sr
θh, θv<(+15°)
Peak wavelength
λρ
870
nm
Input leakage TxD
pin
IIL
VIN=0 V, VCC
–1
1
µA
Optical pulse width
tOW
9.6–115.2 kb/s
1.39
30
µs
Optical rise time
tOR
9.6–115.2 kb/s
100
600
µs
Table 4. Receiver Electrical Characteristics (Continued)
Parameter
Symbol Condition
Min
Typical
Max
Unit
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com