Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC-APH596 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC-APH596
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-APH596 Datasheet(HTML) 3 Page - Analog Devices

  HMC-APH596 Datasheet HTML 1Page - Analog Devices HMC-APH596 Datasheet HTML 2Page - Analog Devices HMC-APH596 Datasheet HTML 3Page - Analog Devices HMC-APH596 Datasheet HTML 4Page - Analog Devices HMC-APH596 Datasheet HTML 5Page - Analog Devices HMC-APH596 Datasheet HTML 6Page - Analog Devices HMC-APH596 Datasheet HTML 7Page - Analog Devices HMC-APH596 Datasheet HTML 8Page - Analog Devices HMC-APH596 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC980
v00.0312
Active BiAs controller
High current
General Description
Functional Diagram
Features
typical Applications
hMC980 is an active bias controller that can
automatically adjust the gate voltage of an external
amplifier to achieve constant bias current. With an
integrated controller, hMC980 achieves safe power on/
off, disable/enable and automatic supply sequencing
ensuring the safety of the external amplifier. it can
be used to bias any enhancement and depletion
type amplifier operating in Class-a regime with
drain voltages (VDrain) from 5V to 16.5V and drain
currents (iDrain) up to 1.6 a, offering a complete
biasing solution.
hMC980 achieves excellent bias stability over supply,
temperature and process variations, and eliminates
the required calibration procedures usually employed
to prevent rF performance degradation due to
such variations. all data shown herein is taken with
appropriate probes.
Microwave radio & Vsat
Military & space
test instrumentation
Fiber optic Modulator Driver Biasing
CatV laser Driver Biasing
Cellular Base station
Wireless infrastructure equipment
automatic Gate voltage adjustment (no Calibra-
tion required)
supply Voltage (5V to 16.5V)
Bias both enhancement or Depletion type
devices
adjustable Drain Current up to 1.6 a
sink or source gate current
internal negative voltage generation
Can be disabled to use external negative rail
Fast enable/Disable
trigger-out output for Daisy Chain
power-Up and power-Down sequencing
over/Under Current alarm with built-in hystresis
Die size: 1.4 x 2.26 x 0.25mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com