Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT25SF161B Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25SF161B
Description  16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF161B Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25SF161B Datasheet HTML 17Page - Dialog Semiconductor AT25SF161B Datasheet HTML 18Page - Dialog Semiconductor AT25SF161B Datasheet HTML 19Page - Dialog Semiconductor AT25SF161B Datasheet HTML 20Page - Dialog Semiconductor AT25SF161B Datasheet HTML 21Page - Dialog Semiconductor AT25SF161B Datasheet HTML 22Page - Dialog Semiconductor AT25SF161B Datasheet HTML 23Page - Dialog Semiconductor AT25SF161B Datasheet HTML 24Page - Dialog Semiconductor AT25SF161B Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Datasheet
21-Apr-2021
DS-AT25SF161B-188
Revision E
21
© 2021 Dialog Semiconductor
AT25SF161B
16-Mbit SPI Serial Flash Memory
with Dual I/O and Quad I/O Support
7.5.1 Quad-I/O Read Array (EBh) with Continuous Read Mode
The Read Quad I/O command can further reduce command overhead through setting the Continuous Read Mode bits (M7-0)
after the input Address bits (A23-0), as shown in Figure 12. The upper nibble (M7-4) of the Continuous Read Mode bits controls
the length of the next Fast Read Quad I/O command through the inclusion, or exclusion, of the first byte command code. The
lower nibble bits (M3-0) of the Continuous Read Mode bits are don't care. However, the IO pins must be high-impedance prior to
the falling edge of the first data out clock. If the Continuous Read Mode bits M5-4 = (1,0), the next Quad-I/O Read Array command
(after CS is raised and then lowered) does not require the EBh command code, as shown in Figure 13. This reduces the command
sequence by eight clocks and allows the Read address to be immediately entered after CS is asserted low. If the Continuous
Read Mode bits M5-4 do not equal to (1,0), the next command (after CS is raised and then lowered) requires the first byte
command code, thus returning to normal operation. A Continuous Read Mode Reset command can also be used to reset M7-0
before issuing normal commands.
Figure 13: Quad I/O Read Array with Continuous Read Mode (Previous Command Set M5, M4 = 1,0)
I/O0
(SI)
SCK
I/O1
(SO)
CS
23
1
06
7
5
410 11
9
8
A20 A16 A12 A8
A23-A16 A15-A8
A21 A17 A13 A9
D4
D1
D0
D5
D4
Byte 1
D5
D0
D1
Byte 2
I/O2
(WP)
A22 A18 A14 A10
D2 D6
D6
D2
I/O3
(HOLD)
A23 A19 A15 A11
D3 D7
D7
D3
14 15
13
12
A4 A0 M4 M0
A7-A0
M7-M0
A6 A2 M6 M2
A7 A3 M7 M3
A5 A1 M5 M1
Dummy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com