Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX12553EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX12553EVKIT
Description  Low-Voltage and Low-Power Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12553EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX12553EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX12553EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MAX12553/MAX12554/MAX12555
Evaluation Kits
2
_______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
D1
1
Dual Schottky diode (SOT23)
Central Semiconductor
CMPD6263S, lead free
(Top Mark: D96)
Vishay BAS70-04 (Top Mark: 74)
Diodes Inc. BAS70-04-7-F
(Top Mark: K74 or K7D)
D2
0
Not installed, diode (SOT23)
J1
1
Dual-row, 2 x 20, 40-pin header
JU1, JU9, JU10
0
Not installed, 2-pin headers
JU2–JU8
7
3-pin headers
L1–L4
4
EMI filters
Murata NFM41PC204F1H3B
R1, R8, R11,
R15–R28, R31
0
Not installed, resistors (0603)
R2, R12, R13,
R14
0
Not installed, resistors (0402)
R3, R4
2
75Ω ±0.5% resistors (0603)
R5, R6
2
1.0kΩ ±5% resistors (0402)
R7, R9
2
100Ω ±1% resistors (0603)
R10
1
10kΩ potentiometer, 12-turn,
1/4in
R29, R30
2
110Ω ±0.5% resistors (0603)
RA1–RA4
4
220Ω ±5% resistor arrays
Panasonic EXB-2HV-221J
DESIGNATION
QTY
DESCRIPTION
T1, T2
2
1:1 RF transformers
Mini-Circuits ADT1-1WT
T3
1
4:1 RF transformer
Mini-Circuits ADT4-6WT
T4
0
Not installed, transformer
TP1–TP4
4
Miniature PC test points (red)
Keystone Electronics 5000
TP5, TP6
2
Miniature PC test points (black)
Keystone Electronics 5001
U1
1
See the EV Kit-Specific
Component List
U2
1
Low-voltage, 16-bit register
(48-pin TSSOP)
Texas Instruments
SN74AVC16374DGGR
U3
0
Not installed (SC70-5)
U4
1
TinyLogic UHS buffer (SC70-5)
Fairchild NC7SZ125P5
U5
0
Not installed (8-pin SO)
U6
1
TinyLogic dual UHS inverter
(SC70-6)
Fairchild NC7WZ04P6
7
Shunts (JU2–JU8)
—1
MAX12553/MAX12554/
MAX12555EVKIT+ PCB
Component Suppliers
SUPPLIER
PHONE
WEBSITE
AVX Corp.
843-946-0238
www.avxcorp.com
Central Semiconductor
631-435-1110
www.centralsemi.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
Murata Mfg. Co., Ltd.
770-436-1300
www.murata.com
Panasonic Corp.
714-373-7366
www.panasonic.com
TDK Corp.
847-803-6100
www.component.tdk.com
Note: Indicate that you are using the MAX12553, MAX12554, or MAX12555 when contacting these component suppliers.
EV Kit-Specific Component List
EV KIT PART NUMBER
REFERENCE DESIGNATOR
DESCRIPTION
MAX12555EVKIT+
MAX12555ETL+ (40-pin, 6mm x 6mm x 0.8mm Thin QFN with EP)
MAX12554EVKIT+
MAX12554ETL+ (40-pin, 6mm x 6mm x 0.8mm Thin QFN with EP)
MAX12553EVKIT+
U1
MAX12553ETL+ (40-pin, 6mm x 6mm x 0.8mm Thin QFN with EP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com