Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX12527EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX12527EVKIT
Description  Low-Voltage and Low-Power Operation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12527EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX12527EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX12527EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluate: MAX12527/28/29/57/58/59
MAX12527/MAX12528/MAX12529/
MAX12557/MAX12558/MAX12559
Evaluation Kits
DESIGNATION QTY
DESCRIPTION
D1
1
Dual Schottky diode (SOT23)
Central Semiconductor
CMPD6263S
Vishay BAS70-04
Diodes Inc. BAS70-04
J1, J2, J7
3
SMA PC mount connectors
J3, J4, J8
3
2-pin headers
J5, J6
2
Dual-row, 40-pin headers (2 x 20)
JU1–JU6
6
3-pin headers
L1–L4
4
EMI filters
Murata NFM41PC155B1E3
R1–R8,
R13–R16,
R21–R32,
R37, R40–R45
0
Not installed (0603)
R9–R12
4
75Ω ±0.5% resistors (0603)
R17–R20
4
110Ω ±0.5% resistors (0603)
R33–R36
0
Not installed (0402)
R38, R39
2
49.9Ω ±1% resistors (0603)
R46, R47
2
100Ω ±1% resistors (0603)
R48
1
10kΩ potentiometer
R49–R52
4
24.9Ω ±0.5% resistors (0402)
DESIGNATION QTY
DESCRIPTION
RA1–RA8
8
220Ω ±5% resistor arrays
Panasonic EXB-2HV-221J
T1–T4
4
1:1 RF transformers
Mini-Circuits ADT1-1WT
T5
1
1:2 RF transformer
Coilcraft TTWB-2-B
TP1–TP6
6
Test points
U1
1
See the EV Kit Specific
Component List
U2, U3
2
Low-voltage 16-bit registers
(48-pin TSSOP)
Pericom PI74ALVTC16374 or Texas
Instruments SN74ALVCH16374DGGR
U4
1
TinyLogic ULP-A buffer (SC70-5)
Fairchild NC7SV125P5
U5
1
TinyLogic ULP-A inverter (SC70-6)
Fairchild NC7WV04P6
None
6
Shunts
None
1
MAX12527/MAX12528/MAX12529/
MAX12557/MAX12558/MAX12559
PC board
EV KIT PART NUMBER
REFERENCE
DESIGNATOR
DESCRIPTION
MAX12527EVKIT#
U1
Maxim MAX12527ETK (68-pin thin QFN, 10mm x 10mm x 0.8mm)
MAX12528EVKIT
Maxim MAX12528ETK (68-pin thin QFN, 10mm x 10mm x 0.8mm
MAX12529EVKIT
Maxim MAX12529ETK (68-pin thin QFN, 10mm x 10mm x 0.8mm)
MAX12557EVKIT
Maxim MAX12557ETK (68-pin thin QFN, 10mm x 10mm x 0.8mm)
MAX12558EVKIT
Maxim MAX12558ETK (68-pin thin QFN, 10mm x 10mm x 0.8mm)
MAX12559EVKIT
Maxim MAX12559ETK (68-pin thin QFN, 10mm x 10mm x 0.8mm)
Component List (continued)
EV Kit Specific Component List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com