Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7222C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7222C
Description  2A 2MHz 5.5V Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7222C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7222C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE7222C
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
1
Description
The ACE7222C is a high-efficiency, DC-to-DC step- down switching regulators, capable of delivering up to
2Aofoutput current. Thedeviceoperates from an input voltage range of 2.6V to 5.5V and provides an output
voltage from 0.6V to VIN, making the ACE7222C ideal for low voltage power conversions. Running at a
fixed frequency of 2MHz allows the use of small external components, such as ceramic input and output caps,
as well as small inductors, while still providing low output ripples. This low noise output along with its
excellent efficiency achieved by the internal synchronous rectifier, making ACE7222C an ideal green
replacement for large power consuming linear regulators. Internal soft- start control circuitry reduces inrush
current.Short- circuit and thermal-overload protection improves design reliability.
Features
HighEfficiency: Up to97%
Up to 2A Max output current
2MHz Switching Frequency
Low dropout 100% Duty operation
Internal Compensation and Soft-Start
Current Mode control
Reference 0.6V
Logic Control Shutdown (IQ<1uA)
Thermal shutdown, UVLO
Available in SOT23-5
Application
Cellular phones
Digital Cameras
MP3 and MP4players
Set top boxes
Wireless and DSL Modems
USB supplied Devices in Notebooks
Portable Devices
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
8V
Max Operating Junction Temperature(TJ)
125
°C
Ambient Temperature(TA)
-40
°C – 85°C
Maximum Power Dissipation
400mW
Package thermal resistance(
θ
JA)
200
°C/W
Storage Temperature(Ts)
-40
°C - 150°C
Lead Temperature & Time
260
°C, 10S
ESD (HBM)
>2000V
Note:Exceedtheselimitstodamage tothedevice.Exposuretoabsolute maximumrating conditionsmayaffect device reliability.


Similar Part No. - ACE7222C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
More results

Similar Description - ACE7222C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Diodes Incorporated
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com