Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7259C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7259C
Description  500KHz, 18V, 2.5A Synchronous Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7259C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7259C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7259C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7259C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7259C Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE7259C
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
2
Absolute Maximum Ratings
Parameter
Value
Supply voltage VIN
-0.3V to 18V
Switch node voltage VSW
-0.3V to 18V
Boost voltage VBST
VSW-0.3V to VSW+6V
Enable voltage VEN
-0.3V to 18V
FB voltage VFB
-0.3V to 18V
Power dissipation (PD)
0.63W
Package thermal resistance (
JA)
150
C /W
Package thermal resistance (
JC)
50
C /W
Max operating junction temperature (TJ)
150
C
Operating temperature range
-40
C to 85C
Storage temperature range
-55
C to 150C
Lead temperature (soldering, 10s)
260
C
Ordering information
ACE7259C XX+ H
Pb - free
GM: SOT23-6
Halogen - free



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com