Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7352N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7352N
Description  40V Input Standoff Voltage, 2A Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7352N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7352N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7352N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7352N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7352N
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
1
Description
ACE7352N is a high efficiency 800 kHz, adaptive constant OFF time controlled asynchronous
step-down DC-DC regulator capable of delivering 2A output current. The ACE7352N can operate over a
wide input voltage range from 5V to 40V and integrate main switch with very low Rds(on) to minimize the
conduction loss.
Low output voltage ripple and small external inductor and capacitor sizes are achieved with 800 kHz
switching frequency.
Features
5-40V input voltage range
Low Rds(on) for internal N-channel Power FET: 195
mΩ
800kHz switching frequency
Adaptive constant OFF time control
Internal soft start limits the inrush current
2% 0.6V reference
Hic-cup mode short circuit protection
Cycle by cycle peak current limit
Thermal shutdown protection
RoHS Compliant and Halogen Free
Compact package: SOT23-6
Applications
Set Top Box
Portable TV
Access Point Router
DSL Modem
LCD TV


Similar Part No. - ACE7352N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7355YFL+H ACE-ACE7355YFL+H Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
More results

Similar Description - ACE7352N

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
2A, 40V Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com