Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7358F Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7358F
Description  High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7358F Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7358F Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7358F Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7358F Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7358F
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
1
Description
The ACE7358F develops a high efficiency asynchronous step down DC/DC regulator capable of
delivering 0.8A output current. The IC adopts current mode adaptive constant off time control. The
ACE7358F operates over a wide input voltage range from 4.5V to 52V and integrates main switch with
very low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external inductor and capacitor sizes are achieved with 1.2MHz
switching frequency.
Features
Low RDS(ON) for Internal N-channel Power FET: 700mΩ
4.5-52V Input Voltage Range
0.8A Output Current Capability
1.2MHz Pseudo Constant Switching Frequency
Internal Soft-start Limits the Inrush Current
Hic-cup Mode Output Short Circuit Protection
EN ON/OFF Control with Accurate Threshold
Cycle by Cycle Peak Current Limit
0.6V±1 % Reference Voltage
SOT23-6 Package
Applications
Non-Isolated Telecommunication Buck Regulator
Secondary High Voltage Post Regulator
Automotive Systems
Absolute Maximum Ratings (Note1)
Parameter
Value
Supply Input Voltage
52V
BST-SW
4V
All Other Pins
VIN+0.3V
Power Dissipation, PD@TA=25°C
1W
Package Thermal Resistance (Note 2)
θJA
100°C/W
θJC
25°C/W
Junction Temperature
150°C
Lead Temperature (Soldering, 10sec.)
260°C
Storage Temperature Range
-65°C to 150°C
Note 1: Stresses beyond the “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2:
θ
JA is measured in the natural convection at TA= 25°C on a two-layer Evaluation Board.


Similar Part No. - ACE7358F

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7355YFL+H ACE-ACE7355YFL+H Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
More results

Similar Description - ACE7358F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654_09 Datasheet
246Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Holtek Semiconductor In...
HT7463A HOLTEK-HT7463A Datasheet
2Mb / 16P
52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
August 12, 2016
logo
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
High Efficiency 1.2MHz Step Up Regulator
logo
SHOUDING Shouding Semic...
SX1308 SHOUDING-SX1308 Datasheet
1Mb / 6P
High Efficiency 1.2MHz 2A Step Up Regulator
logo
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
High Efficiency 1.2MHz, 2A Step Up Regulator
logo
ACE Technology Co., LTD...
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE73100N ACE-ACE73100N Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com