Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7360X Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7360X
Description  Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7360X Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7360X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7360X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7360X Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7360X
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
2
Absolute Maximum Rating (TA = 25°C) (2)
Parameter
Rating
VIN
V to +65V
VRS
(VIN - 5V) to VIN
All Other Pins
V to +6.5V
Continuous Power Dissipation
0.6W
Junction Temperature
150°C
Lead Temperature
260°C
Storage Temperature
-65°C to 150°C
Thermal Resistance (3)
θJA
170°C/W
θJC
75°C/W
Notes:
1.
Exceeding these ratings may damage the device.
2.
The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the
junction-to-
ambient thermal resistance θ
JA,
and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-TA)/ θJA.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator
will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
3.
Measured on JESD51-7, 4-layer PCB.
Recommended Operating Conditions (Note)
Parameter
Rating
Supply Voltage VIN
V to 60V
Operating Junction Temp. (TJ)
-40°C to 125°C
Note: The device is not guaranteed to function outside of its operation conditions.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com