Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLPT9450LB_E Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PLPT9450LB_E
Description  Projection Professional LED & Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPT9450LB_E Datasheet(HTML) 4 Page - OSRAM GmbH

  PLPT9450LB_E Datasheet HTML 1Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 2Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 3Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 4Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 5Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 6Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 7Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 8Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PLPT9 450LB_E
4 Version 0.0 | 2021-07-08
Centroid Wavelength
P
opt = 5.0 W; TC = 25 °C
Group
Centroid wavelength 2)
Centroid wavelength 2)
min.
max.
λ
centroid
λ
centroid
1
440 nm
442 nm
2
442 nm
444 nm
3
444 nm
446 nm
4
446 nm
448 nm
5
448 nm
450 nm
6
450 nm
452 nm
7
452 nm
455 nm
Relative Spectral Emission 5), 6)
P
opt = f (λ); Popt = 5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com