Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX19527EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX19527EVKIT
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19527EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX19527EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX19527EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MAX19527 Evaluation Kit
2_ _ _______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C76, C80, C82
3
10FF Q20%, 10V X5R ceramic
capacitors (1210)
TDK C3225X5R1A106M or
Murata GRM32ER61A106K
C83, C85, C86,
C88, C131
5
10FF Q20%, 10V X5R ceramic
capacitors (0805)
TDK C2012X5R1A106K
Murata GRM219R61A106K
C84, C87,
C91–C94,
C99-C102,
C107–C110,
C115, C116
16
0.01FF Q10%, 50V X5R ceramic
capacitors (0603)
Murata GRM188R61H103K or
TDK C1608X5R1H103K
C132
1
1FF Q10%, 10V X5R ceramic
capacitor (0603)
TDK C1608X5R1A105K
Murata GRM188R61A105K
C134
1
0.033FF Q10%, 16V (min) X5R
ceramic capacitor (0603)
Murata GRM188R71E333K or
TDK C1608X7R1E333K
C138, C139, C142,
C143
4
22pF Q5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H220J
CLK, IN1–IN8
9
SMA PC-mount connectors
D1
1
Dual Schottky diode (SOT23)
Central Semi CMPD6263S+
(Top Mark: D96)
H1
1
120-position high-speed
connector
H2
1
Dual-row (2 x 20) 40-pin header
J1
1
Dual-row (2 x 16) 32-pin header
J2
1
2-pin header
J10
1
Dual-row (2 x 5) 10-pin header
JU1–JU8, JU10,
JU14, JU15
11
2-pin headers
JU9
1
3-pin header
JU11, JU12, JU13
3
4-pin headers
JU20–JU27
0
Not installed, 2-pin headers—
short
L101
0
Not installed, ferrite bead
(0603)
DESIGNATION
QTY
DESCRIPTION
P1
1
USB type-B right-angle
PC-mount receptacle
R1–R32, R73–R76,
R81–R84, R89,
R90, R93, R95
44
100I Q1% resistors (0603)
R33–R48
16
10I Q1% resistors (0402)
R57–R72
16
0I ±5% resistors (0805)
R77–R80, R85–
R88, R91, R92,
R96, R98, R99,
R102, R103, R104,
R105
0
Not installed, resistors (0603)
R99, R103, and R104 are short
(PC trace); all others are open
R94
1
10kI potentiometer, 19-turn,
3/8in
R97
1
100kI ±1% resistor (0603)
R100, R101
2
49.9I ±1% resistors (0603)
R130, R131
2
27I ±5% resistors (0603)
R132
1
1.5kI ±5% resistor (0603)
R133
1
2.2kI ±5% resistor (0603)
R134, R137
2
10kI ±5% resistors (0603)
R135
1
470I ±5% resistor (0603)
R136
1
1.1I ±5% resistor (0603)
SW1
1
Momentary 6mm pushbutton
switch
T1–T8
8
1:1, 800MHz RF transformers
Mini-Circuits ADT1-1WT+
T9
1
1:2 RF transformer
Coilcraft TTWB-2-B
U1
1
Octal 12-bit 50Msps ADC
(144 CTBGA)
Maxim MAX19527EXE+
U2, U3
2
500mA LDO regulators
(8 TDFN-EP*)
Maxim MAX8902AATA+
(Top Mark: ABG)
U4, U5, U6
3
Dual 2 x 2 crosspoint switches
(32 TQFP)
Maxim MAX9392EHJ+
U7
1
TinyLogic ULP-A inverter
(6 SC70)
Fairchild NC7WV04P6X
(Top Mark: V07)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com