Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCEP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DCEP
Description  Low-Voltage and Low-Power Operation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DCEP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DCEP Datasheet HTML 3Page - Maxim Integrated Products DCEP Datasheet HTML 4Page - Maxim Integrated Products DCEP Datasheet HTML 5Page - Maxim Integrated Products DCEP Datasheet HTML 6Page - Maxim Integrated Products DCEP Datasheet HTML 7Page - Maxim Integrated Products DCEP Datasheet HTML 8Page - Maxim Integrated Products DCEP Datasheet HTML 9Page - Maxim Integrated Products DCEP Datasheet HTML 10Page - Maxim Integrated Products DCEP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MAX19527 Evaluation Kit
________________________________________________________________________________________ _ 7
Input/Output/Clock Tab
Output Format
The Output_ Format group box contains several func-
tions that format the output data.
The Reverse_ Bit_ Order checkbox allows the user to
change the LVDS output data to a MSB-first format
and displays the bit-order configuration. The Format
checkbox configures the output data format to binary or
two’s complement, and displays the current data format.
The Test_Data_Level drop-down list gives the user the
option of configuring the ADC’s OUT1–OUT8 channels
to display the normal LVDS data outputs, or setting the
channel’s outputs to a static high or low state.
Data Test Pattern
The Test_Data drop-down list gives the user the option
to choose between normal and test data modes. Select
Normal from the drop-down list to operate the LVDS
outputs under normal conditions. In normal operation,
all GUI functions in the Data_ Test_ Pattern group box
(with the exception of the Test_Data drop-down list) are
disabled. When Pattern is selected, all GUI functions in
the Data_Test_Pattern group box become active.
The Test_ Pattern drop-down list allows the user to
choose between several test patterns for data-timing
alignment. Selecting Normal from the Test_ Data drop-
down list configures the test pattern channels according
to the option selected in the Test_Data_Level drop-down
list. Selecting Pattern from the Test_Data drop-down list
allows the user to generate factory test and custom pat-
terns at the output channels. See Table 2 for generating
the IC test patterns.
Three buttons (WriteCUSTOM1, WriteCUSTOM2, and
WriteCUSTOM1-2) and their respective edit boxes also
become active when Pattern is selected from the Test_
Data drop-down list. The buttons are available for load-
ing customized 8-bit test patterns in the ADC’s 0x07,
0x08, and 0x09 registers. The registers are updated
by pressing the WriteCUSTOM1, WriteCUSTOM2, or
WriteCUSTOM1-2 buttons.
LVDS Output Adjustments
The LVDS_ Output_ Adjustments group box contains
controls to set the channel OUT1–OUT8 common-mode
output voltage, output current, and back termination.
The CM_Adjust drop-down list sets the output driver’s
common-mode voltage. The Current_Adjust drop-down
list sets the output driver’s current. The Termination
drop-down list sets the termination resistance.
Input Common-Mode Voltage
When checked, the SELF checkbox applies a common-
mode voltage to the ADC’s IN_+/IN_- input pins and
disables the common-mode input pins when not select-
ed. The Adjust drop-down list sets the common-mode
voltage according to the value selected. The selected
common-mode voltage can be monitored through the
CMOUT test point. When enabling SELF, verify that
shunts are not installed on jumpers JU1–JU8
System Timing
The Test_ FRAME_ Level drop-down list gives the user
the option of configuring the ADC’s FRAME LVDS output
channel to display the normal FRAME output frequency
(identical to input clock frequency), or setting the FRAME
output to a static high or low state.
The CLK_ Controls group box contains controls for
manipulating the input clock signal. The PLL_Frequency_
drop-down list programs the clock multiplier for the inter-
nal PLL in order to set the sampling frequency range.
Ensure that the input clock frequency, applied at the
EV kit CLK SMA connector, falls between the selected
minimum and maximum frequency in the drop-down list.
The Output_Phase drop-down list adjusts the phase of
the serial LVDS output clock (CLKOUT), relative to the
output data frame. Refer to the timing diagrams in the
MAX19527 IC data sheet for additional information.
The Test_CLKOUT_Level drop-down list gives the user
the option of configuring the ADC’s CLKOUT LVDS
output channel to display the normal CLKOUT signal, or
setting the output signal to a static high or low state.
The 100_ Ohm_ Input_ Term checkbox switches 100I
across differential clock inputs when checked.
Table_2._Test_Pattern_Selection
TEST_
PATTERNS
OUTPUT
Skew
(010101010101) à repeats every frame
SYNC
(111111000000) à repeats every frame
Custom
Custom test pattern à repeats every two
frames
Ramp
12-bit ramp from 0 to 4095 and repeats
Pseudo9
Pseudorandom data pattern
(short 29 sequence)
Pseudo23
Pseudorandom data pattern
(long 223 sequence)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com