Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1893 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1893 Datasheet HTML 1Page - Integrated Circuit Systems ICS1893 Datasheet HTML 2Page - Integrated Circuit Systems ICS1893 Datasheet HTML 3Page - Integrated Circuit Systems ICS1893 Datasheet HTML 4Page - Integrated Circuit Systems ICS1893 Datasheet HTML 5Page - Integrated Circuit Systems ICS1893 Datasheet HTML 6Page - Integrated Circuit Systems ICS1893 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS1893 Rev B 9/10/99
September, 1999
16
Chapter 4
Overview of the ICS1893
ICS1893 Data Sheet - Release
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 4
Overview of the ICS1893
The ICS1893 is a stream processor. During data transmission, it accepts sequential nibbles from its MAC
(Media Access Control)/Repeater Interface, converts them into a serial bit stream, encodes them, and
transmits them over the medium through an external isolation transformer. When receiving data, the
ICS1893 converts and decodes a serial bit stream (acquired from an isolation transformer that interfaces
with the medium) into sequential nibbles. It subsequently presents these nibbles to its MAC/Repeater
Interface.
The ICS1893 implements the OSI model’s physical layer, consisting of the following, as defined by the
ISO/IEC 8802-3 standard:
Physical Coding sublayer (PCS)
Physical Medium Attachment sublayer (PMA)
Physical Medium Dependent sublayer (PMD)
Auto-Negotiation sublayer
The ICS1893 is transparent to the next layer of the OSI model, the link layer. The link layer has two
sublayers: the Logical Link Control sublayer and the MAC sublayer. The ICS1893 can interface directly to
the MAC and offers multiple, configurable modes of operation. Alternately, this configurable interface can
be connected to a repeater, which extends the physical layer of the OSI model.
The ICS1893 transmits framed packets acquired from its MAC/Repeater Interface and receives
encapsulated packets from another PHY, which it translates and presents to its MAC/Repeater Interface.
Note:
As per the ISO/IEC standard, the ICS1893 does not affect, nor is it affected by, the underlying
structure of the MAC/repeater frame it is conveying.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com