Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS18051 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS18051
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18051 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS18051 Datasheet HTML 1Page - Integrated Circuit Systems ICS18051 Datasheet HTML 2Page - Integrated Circuit Systems ICS18051 Datasheet HTML 3Page - Integrated Circuit Systems ICS18051 Datasheet HTML 4Page - Integrated Circuit Systems ICS18051 Datasheet HTML 5Page - Integrated Circuit Systems ICS18051 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS180-51
Low EMI Clock Generator
MDS 180-51 A
1
Revision 110404
Integrated Circ uit Systems l5 25 Race Street, San Jo se, CA 9 512 6 l tel (408 ) 29 7-120 1 l
www.ics t.co m
Description
The ICS180-51 generates a low EMI output clock from
a clock or crystal input. The device uses ICS’
proprietary mix of analog and digital Phase-Locked
Loop (PLL) technology to spread the frequency
spectrum of the output, thereby reducing the frequency
amplitude peaks by several dB.
The ICS180-51 offers center spread selection of
+/-0.625% and +/-1.875%. Refer to the MK1714-01/02
for the widest selection of input frequencies and
multipliers.
ICS offers a complete line of EMI reducing clock
generators. Consult us when you need to remove
crystals and oscillators from your board.
Features
Pin and function compatible to Cypress W180-51
Packaged in 8-pin SOIC
Provides a spread spectrum output clock
Accepts a clock input and provides same frequency
dithered output
Input frequency of 8 to 28 MHz
Peak reduction by 7dB - 14dB typical on 3rd - 19th
odd harmonics
Spread percentage selection for +/-0.625% and
+/-1.875%
Operating voltage of 3.3 V and 5 V
Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
SS%
CLK
GND
VDD
FS2:1
X1/CLKIN
X2
Clock Buffer/
Crystal
Oscillator


Similar Part No. - ICS18051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS18052 ICST-ICS18052 Datasheet
99Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18053 ICST-ICS18053 Datasheet
99Kb / 6P
Low EMI Clock Generator
Revision 110404
More results

Similar Description - ICS18051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com