Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMH0024 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0024
Description  3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0024 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH0024 Datasheet HTML 1Page - National Semiconductor (TI) LMH0024 Datasheet HTML 2Page - National Semiconductor (TI) LMH0024 Datasheet HTML 3Page - National Semiconductor (TI) LMH0024 Datasheet HTML 4Page - National Semiconductor (TI) LMH0024 Datasheet HTML 5Page - National Semiconductor (TI) LMH0024 Datasheet HTML 6Page - National Semiconductor (TI) LMH0024 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LMH0024
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
General Description
The LMH0024 SMPTE 259M / 344M adaptive cable equal-
izer is a monolithic integrated circuit for equalizing data
transmitted over cable (or any media with similar dispersive
loss characteristics). The equalizer operates over a wide
range of data rates from 143 Mbps to 540 Mbps and sup-
ports SMPTE 259M and SMPTE 344M.
The LMH0024 implements DC restoration to correctly handle
pathological data conditions. DC restoration can be by-
passed for low data rate applications. The equalizer is flex-
ible in allowing either single-ended or differential input drive.
Additional features include a mute pin which can be used to
manually mute the output and a cable length indicator which
determines the amount of cable being equalized.
Features
n
SMPTE 259M and SMPTE 344M compliant
n
Supports DVB-ASI at 270 Mbps
n
Data rates: 143 Mbps to 540 Mbps
n
Equalizes up to 350 meters of Belden 1694A at 270
Mbps
n
Manual bypass, cable length indicator, and output mute
n
Single-ended or differential input
n
50
Ω differential outputs
n
Single 3.3V supply operation
n
Industrial temperature range: −40˚C to +85˚C
n
198mW typical power consumption with 3.3V supply
n
Footprint compatible with the LMH0034 and the GS9064
Applications
n
SMPTE 259M and SMPTE 344M serial digital interfaces
n
Serial digital data equalization and reception
n
Data recovery equalization
Typical Application
20172501
PRELIMINARY
February 2006
© 2006 National Semiconductor Corporation
DS201725
www.national.com


Similar Part No. - LMH0024

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH0024 INTERSIL-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
January 3, 2008
logo
National Semiconductor ...
LMH0024 NSC-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024 Datasheet
284Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0024 TI1-LMH0024 Datasheet
293Kb / 10P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0024 TI2-LMH0024 Datasheet
292Kb / 10P
LMH0024 3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
May 16, 2011
More results

Similar Description - LMH0024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Intersil Corporation
LMH0074 INTERSIL-LMH0074 Datasheet
219Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
December 5, 2007
LMH0024 INTERSIL-LMH0024 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
January 3, 2008
logo
National Semiconductor ...
LMH0024 NSC-LMH0024_08 Datasheet
257Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0024 NSC-LMH0024_09 Datasheet
284Kb / 8P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
SMPTE 259M / 344M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0024 TI1-LMH0024 Datasheet
293Kb / 10P
3.3V SMPTE 259M / 344M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0074 TI1-LMH0074 Datasheet
741Kb / 14P
MPTE 259M / 344M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com