Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CL79 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL79
Description  The present specifications shall apply to plastic sealed high voltage Diode 2CL79
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL79 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL79 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL79 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4. 绝对最大数值
Absolute Maximum Ratings
序号
No.
Item
符 号
Symbol
单 位
Unit
数 值
Rating
Conditions
1
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
KV
25
2
反向不重复峰值电压
Non-Repetitive Peak
Reverse Voltage
VRSM
KV
30
3
正向平均电流
Average Forward Current
IF (AV)
mA
10
50HZ 正弦半波平均值,
(Tamb=50 oC)
50HZ Sine-half Wave
Rectification Average Value
(Tamb=50 oC)
4
正向(不重复)浪涌电流
Non-Repetitive Forward Surge
Current
IFSM
A
0.5
50HZ 10ms 正弦半波
(Tamb=25 oC)
50HZ 10ms Sine-half Wave,
(Tamb=25 oC)
5
工作环境温度
Ambient Temperature
Tamb
oC
-40~+100
6
最高结温
Maximum Junction
Temperature
TVJ
oC
120
7
贮存温度
Storage Temperature
Tstg
oC
-40~+120
2CL79
Rev 2.0 :
www.leiditech.com
12.01.2019
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com