Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC114ESA Datasheet(PDF) 14 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DTC114ESA
Description  DIGITAL TRANSISTOR (NPN)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DTC114ESA Datasheet(HTML) 14 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button DTC114ESA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd DTC114ESA Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
1.420
1.620
0.056
0.064
A1
0.660
0.860
0.026
0.034
b
0.330
0.480
0.013
0.019
b1
0.400
0.510
0.016
0.020
c
0.330
0.510
0.013
0.020
D
3.900
4.100
0.154
0.161
D1
2.280
2.680
0.090
0.106
E
3.050
3.250
0.120
0.128
e
1.270 TYP.
0.050 TYP.
e1
2.440
2.640
0.096
0.104
L
15.100
15.500
0.594
0.610
θ
45° TYP.
45° TYP.
DTC114EM/DTC114EE/DTC1
DTC114EKA /DTC114ECA/DTC114ESA
14EUA
Rev :
www.leiditech.com
01.06.2018
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com